Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM263P2 Datasheet(PDF) 49 Page - Texas Instruments

Part # AM263P2
Description  AM263Px Sitara™ Microcontrollers with Optional Flash-in-Package
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM263P2 Datasheet(HTML) 49 Page - Texas Instruments

Back Button AM263P2 Datasheet HTML 45Page - Texas Instruments AM263P2 Datasheet HTML 46Page - Texas Instruments AM263P2 Datasheet HTML 47Page - Texas Instruments AM263P2 Datasheet HTML 48Page - Texas Instruments AM263P2 Datasheet HTML 49Page - Texas Instruments AM263P2 Datasheet HTML 50Page - Texas Instruments AM263P2 Datasheet HTML 51Page - Texas Instruments AM263P2 Datasheet HTML 52Page - Texas Instruments AM263P2 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 164 page
background image
Table 5-5. ADC3 Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
ADC3_AIN5
I
ADC Analog Input 5 (-IN2)
CMPSSB7: inH/inL (+IN/-IN)
U9
U9
U9
Table 5-6. ADC4 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
ADC4_AIN0
I
ADC Analog Input 0 (+IN0)
CMPSSA8: inH (+IN)
U6
U6
U6
ADC4_AIN1
I
ADC Analog Input 1 (-IN0)
CMPSSA8: inL (-IN)
V5
V5
V5
ADC4_AIN2
I
ADC Analog Input 2 (+IN1)
CMPSSA9: inH (+IN)
V4
V4
V4
ADC4_AIN3
I
ADC Analog Input 3 (-IN1)
CMPSSA9: inL (-IN)
U5
U5
U5
ADC4_AIN4
I
ADC Analog Input 4 (+IN2)
CMPSSB8: inH/inL (+IN/-IN)
V3
V3
V3
ADC4_AIN5
I
ADC Analog Input 5 (-IN2)
CMPSSB9: inH/inL (+IN/-IN)
U4
U4
U4
5.3.1.1 ADC-CMPSS Signal Connections
In each ADC, two sets of differential pins shall be shared with pins of two CMPSSA and remaining one pair of
differential pins shall be connected to two independent pins of CMPSSB. These pins are demonstrated in Figure
5-1 and Table 5-7 where the CHSEL values determine how the inputs are fed into ADC.
12-bit
DAC
12-bit
DAC
DAC-H
Code
DAC-L
Code
CMPSS-A
12-bit
DAC
12-bit
DAC
DAC-H
Code
DAC-L
Code
CMPSS-A
12-bit
DAC
DAC-H
Code
12-bit
DAC
DAC-L
Code
12-bit
DAC
DAC-H
Code
12-bit
DAC
DAC-L
Code
CMPSS-B
CMPSS-B
INP-0
INM-0
INP-1
INM-1
INP-2
INM-2
CAL-0
CAL-1
ATB
12-bit
4 MSPS
Figure 5-1. CMPSS and ADC Connections
Table 5-7. Connectivity between ADC Inputs to CMPSS Signals
Signal/Pin Name
ADC Input
CMPSS Input
ADC0 Channels
ADC0_AIN0
ADC0:inp0 (+IN0)
CMPSSA0:inH (+IN)
ADC0_AIN1
ADC0:inm0 (-IN0)
CMPSSA0:inL (-IN)
ADC0_AIN2
ADC0:inp1 (+IN1)
CMPSSA1:inH (+IN)
ADC0_AIN3
ADC0:inm1 (-IN1)
CMPSSA1:inL (-IN)
ADC0_AIN4
ADC0:inp2 (+IN2)
CMPSSB0:inH/inL (+IN/-IN)
www.ti.com
AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1
SPRSP81C – OCTOBER 2023 – REVISED MAY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: AM263P4 AM263P2 AM263P1 AM263P4-Q1 AM263P2-Q1 AM263P1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com