| Electronic Components Datasheet Search |
|
AM263P2 Datasheet(PDF) 8 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM263P2 Datasheet(HTML) 8 Page - Texas Instruments |
|
8 / 164 page ![]() 4.1 Device Identification The device part number identification data can be read in the TOP_CTRL.EFUSE_JTAG_USERCODE_ID register. See Table 4-2 for more information. Table 4-2. Device Part Number Identifier TOP_CTRL.EFUSE_JTAG_USERCOD E_ID Register Field Value and Description Comment [31-13] DEVICE_ID Base Part Number Refer to the Device Comparison section for the DEVICE_ID value of a given part number. [12] SAFETY 0 = Non Functional Safety 1 = Functional Safety [11] PACKAGE Package 0x06 = ZCZ Others = Reserved [10-6] SPEED Device Speed Grade Refer to the Operating Performance Points section for the supported speed grades and the definitions for a given device. 0x0E (Grade N): 400 MHz R5F 2MB (Full speed and MIN memory) 0x0F (Grade O): 400 MHz R5F 3MB (Full speed and full memory) 0x10 (Grade P): 200 MHz R5F 3MB (Half speed and full memory) [5-3] TEMP Temperature Grade Operating junction temperature range. 0x05 = -40°C to 125°C 0x07 = -40°C to 150°C Others = Reserved [2-0] FEATURE Package Feature 0x01 = AM263x compatible package 0x02 = Sensor package + FLASH-in-Package 0x05 = Sensor package The manufacturer identity, the boundary scan part number, and the silicon revision of the device can be read from the configuration port via JTAG. AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1 SPRSP81C – OCTOBER 2023 – REVISED MAY 2024 www.ti.com 8 Submit Document Feedback Copyright © 2024 Texas Instruments Incorporated Product Folder Links: AM263P4 AM263P2 AM263P1 AM263P4-Q1 AM263P2-Q1 AM263P1-Q1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |