Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SST26VF032B-104V/MF Datasheet(PDF) 1 Page - Microchip Technology

Part # SST26VF032B-104V/MF
Description  2.5V/3.0V 32-Mbit Serial Quad I/O™ (SQI™) Flash Memory
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF032B-104V/MF Datasheet(HTML) 1 Page - Microchip Technology

  SST26VF032B-104V/MF Datasheet HTML 1Page - Microchip Technology SST26VF032B-104V/MF Datasheet HTML 2Page - Microchip Technology SST26VF032B-104V/MF Datasheet HTML 3Page - Microchip Technology SST26VF032B-104V/MF Datasheet HTML 4Page - Microchip Technology SST26VF032B-104V/MF Datasheet HTML 5Page - Microchip Technology SST26VF032B-104V/MF Datasheet HTML 6Page - Microchip Technology SST26VF032B-104V/MF Datasheet HTML 7Page - Microchip Technology SST26VF032B-104V/MF Datasheet HTML 8Page - Microchip Technology SST26VF032B-104V/MF Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 82 page
background image
 2013-2022 Microchip Technology Inc. and its subsidiaries
DS20005218K-page 1
Features
• Single Voltage Read and Write Operations:
- 2.7V-3.6V or 2.3V-3.6V
• Serial Interface Architecture:
- Nibble-wide multiplexed I/O’s with SPI-like serial
command structure
- Mode 0 and Mode 3
- x1/x2/x4 Serial Peripheral Interface (SPI) Protocol
• High-Speed Clock Frequency:
- 2.7V-3.6V: 104 MHz maximum
- 2.3V-3.6V: 80 MHz maximum
• Burst Modes:
- Continuous linear burst
- 8/16/32/64 Byte linear burst with wrap-around
• Superior Reliability:
- Endurance: 100,000 Cycles (minimum)
- Greater than 100 years Data Retention
• Low-Power Consumption:
- Active Read current: 15 mA (typical @ 104 MHz)
- Standby Current: 15 µA (typical)
• Fast Erase Time:
- Sector/Block Erase: 18 ms (typ), 25 ms
(maximum)
- Chip Erase: 35 ms (typical), 50 ms (maximum)
• Page-Program:
- 256 bytes per page in x1 or x4 mode
• End-of-Write Detection:
- Software polling BUSY bit in STATUS register
• Flexible Erase Capability:
- Uniform 4-Kbyte sectors
- Four 8-KByte top and bottom parameter overlay
blocks
- One 32-Kbyte top and bottom overlay block
- Uniform 64-Kbyte overlay blocks
• Write-Suspend:
- Suspend Program or Erase operation to access
another block/sector
• Software Reset (RST) mode
• Software Write Protection:
- Individual-Block Write Protection with permanent
lock-down capability
- 64-Kbyte blocks, two 32-Kbyte blocks, and
eight 8-Kbyte parameter blocks
- Read Protection on top and bottom 8-Kbyte
parameter blocks
• Security ID:
- One-Time Programmable (OTP) 2-KByte, Secure ID:
- 64-bit unique, factory preprogrammed identifier
- User-programmable area
• Temperature Range:
- Industrial: -40°C to +85°C
- Industrial Plus: -40°C to +105°C
- Extended: -40°C to +125°C
• Automotive AEC-Q100 Grade 1, Grade 2 and
Grade 3
• Packages Available:
- 8-contact WDFN (6 mm x 5 mm)
- 8-lead SOIJ (5.28 mm)
- 24-ball TBGA (6 mm x 8 mm)
• All Devices are RoHS Compliant
Product Description
The Serial Quad I/O™ (SQI™) family of Flash memory
devices features a six-wire, 4-bit I/O interface that allows for
low-power, high-performance operation in a low pin-count
package. SST26VF032B/032BA also support full com-
mand-set compatibility to traditional Serial Peripheral Inter-
face (SPI) protocol. System designs using SQI Flash
devices occupy less board space and ultimately lower
system costs.
All members of the 26 Series, SQI family are manufactured
with proprietary, high-performance CMOS SuperFlash®
technology. The split-gate cell design and thick-oxide tun-
neling injector attain better reliability and manufacturability
compared with alternate approaches.
SST26VF032B/032BA significantly improve performance
and reliability, while lowering power consumption. These
devices write (Program or Erase) with a single power supply
of 2.3-3.6V. The total energy consumed is a function of the
applied voltage, current, and time of application. Since for
any given voltage range, the SuperFlash technology uses
less current to program and has a shorter erase time, the
total energy consumed during any Erase or Program opera-
tion is less than alternative Flash memory technologies.
Two
configurations
are
available
upon
order.
SST26VF032B default at power-up has the WP# and
HOLD# pins enabled, and the SIO2 and SIO3 pins
disabled, to initiate SPI-protocol operations.
SST26VF032BA default at power-up has the WP#
and HOLD# pins disabled, and the SIO2 and SIO3
pins enabled, to initiate Quad I/O operations. See
Section 4.5.8 “I/O Configuration (IOC)” for more
information about configuring WP#/HOLD# and SIO2/
SIO3 pins. See Figure 2-1 for pin assignments.
SST26VF032B/SST26VF032BA
2.5V/3.0V 32-Mbit Serial Quad I/O™ (SQI™) Flash Memory


Similar Part No. - SST26VF032B-104V/MF

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST26VF032B-104V/MF MICROCHIP-SST26VF032B-104V/MF Datasheet
927Kb / 77P
2.5V/3.0V 32 Mbit Serial Quad I/O (SQI) Flash Memory
07/14/15
More results

Similar Description - SST26VF032B-104V/MF

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST26VF064B MICROCHIP-SST26VF064B Datasheet
1Mb / 76P
3.0V Serial Quad I/O (SQI) Flash Memory
2013
logo
Silicon Storage Technol...
SST26VF016 SST-SST26VF016_13 Datasheet
386Kb / 39P
Serial Quad I/O SQI Flash Memory
logo
Microchip Technology
SST26VF064B MICROCHIP-SST26VF064B_15 Datasheet
3Mb / 85P
2.5V/3.0V 64 Mbit Serial Quad I/O (SQI) Flash Memory
07/14/15
SST26VF032B MICROCHIP-SST26VF032B Datasheet
927Kb / 77P
2.5V/3.0V 32 Mbit Serial Quad I/O (SQI) Flash Memory
07/14/15
SST26VF016B MICROCHIP-SST26VF016B Datasheet
2Mb / 77P
2.5V/3.0V 16 Mbit Serial Quad I/O (SQI) Flash Memory
01/27/15
SST26VF080A MICROCHIP-SST26VF080A Datasheet
792Kb / 72P
2.5V/3.0V 8-Mbit Serial Quad I/O??(SQI?? Flash Memory
02/28/20
SST26VF040A MICROCHIP-SST26VF040A Datasheet
781Kb / 73P
2.5V/3.0V 4-Mbit Serial Quad I/O??(SQI?? Flash Memory
02/28/20
SST26VF064B MICROCHIP-SST26VF064B_V01 Datasheet
1Mb / 90P
2.5V/3.0V 64-Mbit Serial Quad I/O??(SQI?? Flash Memory
09/14/21
SST26VF020A MICROCHIP-SST26VF020A Datasheet
2Mb / 74P
2.5V/3.0V 2-Mbit Serial Quad I/O™ (SQI™) Flash Memory
Revision C / October 2021
SST26VF032BEUI MICROCHIP-SST26VF032BEUI Datasheet
3Mb / 76P
32 Mbit Serial Quad I/O (SQI) Flash Memory with EUI-48™ and EUI-64™ Identifier
Revision A / Jan 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com