Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SST26VF032B-104V/MF Datasheet(PDF) 10 Page - Microchip Technology

Part # SST26VF032B-104V/MF
Description  2.5V/3.0V 32-Mbit Serial Quad I/O™ (SQI™) Flash Memory
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF032B-104V/MF Datasheet(HTML) 10 Page - Microchip Technology

Back Button SST26VF032B-104V/MF Datasheet HTML 6Page - Microchip Technology SST26VF032B-104V/MF Datasheet HTML 7Page - Microchip Technology SST26VF032B-104V/MF Datasheet HTML 8Page - Microchip Technology SST26VF032B-104V/MF Datasheet HTML 9Page - Microchip Technology SST26VF032B-104V/MF Datasheet HTML 10Page - Microchip Technology SST26VF032B-104V/MF Datasheet HTML 11Page - Microchip Technology SST26VF032B-104V/MF Datasheet HTML 12Page - Microchip Technology SST26VF032B-104V/MF Datasheet HTML 13Page - Microchip Technology SST26VF032B-104V/MF Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 82 page
background image
SST26VF032B/SST26VF032BA
DS20005218K-page 10
 2013-2022 Microchip Technology Inc. and its subsidiaries
4.5
STATUS Register
The STATUS register is a read-only register that pro-
vides the following status information: whether the
Flash memory array is available for any read or write
operation, if the device is Write enabled, whether an
erase or program operation is suspended, and if the
Block Protection register and/or Security ID are locked
down. During an internal erase or program operation,
the STATUS register may be read to determine the
completion of an operation in progress. Table 4-2
describes the function of each bit in the STATUS regis-
ter.
TABLE 4-2:
STATUS REGISTER
Bit
Name
Function
Default at
Power-up
Read/Write
(R/W)
0BUSY
Write operation status
1 = Internal Write operation is in progress
0 = No internal Write operation is in progress
0R
1WEL
Write Enable Latch status
1 = Device is write-enabled
0 = Device is not write-enabled
0R
2WSE
Write Suspend-Erase status
1 = Erase suspended
0 = Erase is not suspended
0R
3WSP
Write Suspend-Program status
1 = Program suspended
0 = Program is not suspended
0R
4WPLD
Write Protection Lock-Down status
1 = Write Protection Lock-Down enabled
0 = Write Protection Lock-Down disabled
0R
5
SEC(1)
Security ID status
1 = Security ID space locked
0 = Security ID space not locked
0(1)
R
6
RES
Reserved for future use
0
R
7BUSY
Write operation status
1 = Internal Write operation is in progress
0 = No internal Write operation is in progress
0R
Note 1: The Security ID status will always be ‘1’ at power-up after a successful execution of the Lockout Security
ID instruction, otherwise default at power-up is ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com