Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SST26VF032B-104I/TD Datasheet(PDF) 6 Page - Microchip Technology

Part # SST26VF032B-104I/TD
Description  2.5V/3.0V 32-Mbit Serial Quad I/O™ (SQI™) Flash Memory
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF032B-104I/TD Datasheet(HTML) 6 Page - Microchip Technology

Back Button SST26VF032B-104I/TD Datasheet HTML 2Page - Microchip Technology SST26VF032B-104I/TD Datasheet HTML 3Page - Microchip Technology SST26VF032B-104I/TD Datasheet HTML 4Page - Microchip Technology SST26VF032B-104I/TD Datasheet HTML 5Page - Microchip Technology SST26VF032B-104I/TD Datasheet HTML 6Page - Microchip Technology SST26VF032B-104I/TD Datasheet HTML 7Page - Microchip Technology SST26VF032B-104I/TD Datasheet HTML 8Page - Microchip Technology SST26VF032B-104I/TD Datasheet HTML 9Page - Microchip Technology SST26VF032B-104I/TD Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 82 page
background image
SST26VF032B/SST26VF032BA
DS20005218K-page 6
 2013-2022 Microchip Technology Inc. and its subsidiaries
3.0
MEMORY ORGANIZATION
The SST26VF032B/032BA SQI memory array is
organized in uniform, 4-Kbyte erasable sectors with the
following erasable blocks: eight 8-Kbyte parameter, two
32-Kbyte overlay, and sixty-two 64-Kbyte overlay
blocks. See Figure 3-1.
FIGURE 3-1:
MEMORY MAP
Top of Memory Block
8 Kbyte
8 Kbyte
8 Kbyte
8 Kbyte
32 Kbyte
64 Kbyte
64 Kbyte
64 Kbyte
32 Kbyte
8 Kbyte
8 Kbyte
8 Kbyte
8 Kbyte
Bottom of Memory Block
4 Kbyte
4 Kbyte
4 Kbyte
4 Kbyte
2 Sectors for 8-Kbyte blocks
8 Sectors for 32-Kbyte blocks
16 Sectors for 64-Kbyte blocks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com