Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SST26VF032B-104I/TD Datasheet(PDF) 14 Page - Microchip Technology

Part # SST26VF032B-104I/TD
Description  2.5V/3.0V 32-Mbit Serial Quad I/O™ (SQI™) Flash Memory
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF032B-104I/TD Datasheet(HTML) 14 Page - Microchip Technology

Back Button SST26VF032B-104I/TD Datasheet HTML 10Page - Microchip Technology SST26VF032B-104I/TD Datasheet HTML 11Page - Microchip Technology SST26VF032B-104I/TD Datasheet HTML 12Page - Microchip Technology SST26VF032B-104I/TD Datasheet HTML 13Page - Microchip Technology SST26VF032B-104I/TD Datasheet HTML 14Page - Microchip Technology SST26VF032B-104I/TD Datasheet HTML 15Page - Microchip Technology SST26VF032B-104I/TD Datasheet HTML 16Page - Microchip Technology SST26VF032B-104I/TD Datasheet HTML 17Page - Microchip Technology SST26VF032B-104I/TD Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 82 page
background image
SST26VF032B/SST26VF032BA
DS20005218K-page 14
 2013-2022 Microchip Technology Inc. and its subsidiaries
WRSU
Suspends Program/Erase
B0H
X
X
0
0
0
104 MHz
/ 80 MHz
WRRE
Resumes Program/Erase
30H
X
X
0
0
0
Protection
RBPR
Read Block Protection
Register
72H
X
0
0
1 to 18
104 MHz
/ 80 MHz
X
0
1
1 to 18
WBPR
Write Block Protection
Register
42H
X
X
0
0
1 to 18
LBPR
Lock Down
Block Protection
Register
8DH
X
X
0
0
0
nVWLDR
nonvolatile Write Lock
Down Register
E8H
X
X
0
0
1 to 18
ULBPR
Global Block Protection
Unlock
98H
X
X
0
0
0
RSID
Read Security ID
88H
X
2
1
1 to 2048
X
2
3
1 to 2048
PSID
Program User
Security ID area
A5H
X
X
2
0
1 to 256
LSID
Lockout Security ID Pro-
gramming
85H
X
X
0
0
0
Note 1: Command cycle is two clock periods in SQI mode and eight clock periods in SPI mode.
2: Address bits above the most significant bit of each density can be VIL or VIH.
3: Address, Dummy/Mode bits, and Data cycles are two clock periods in SQI and eight clock periods in SPI
mode.
4: The maximum frequency for all instructions is up to 104 MHz for 2.7V-3.6V and up to 80 MHz for 2.3V-3.6V
unless otherwise noted. For Extended temperature (125°C), max frequency is up to 80 MHz.
5: RST command only executed if RSTEN command is executed first. Any intervening command will disable
Reset.
6: Device accepts eight-clock command in SPI mode, or two-clock command in SQI mode.
7: Data cycles are two clock periods. IOC bit must be set to ‘1’ before issuing the command.
8: Address, Dummy/Mode bits, and data cycles are two clock periods. IOC bit must be set to ‘1’ before issu-
ing the command.
9: Data cycles are four clock periods.
10: Address, Dummy/Mode bits, and Data cycles are four clock periods.
11: Sector Addresses: Use AMS-A12, remaining address are don’t care, but must be set to VIL or VIH.
12: Blocks are 64-Kbyte, 32-Kbyte, or 8-Kbyte, depending on location. Block Erase Address: AMS-A16 for
64 Kbyte; AMS-A15 for 32 Kbyte; AMS-A13 for 8 Kbyte. Remaining addresses are don’t care, but must be set
to VIL or VIH.
TABLE 5-1:
DEVICE OPERATION INSTRUCTIONS FOR SST26VF032B/032BA
Instruction Description
Command
Cycle(1)
Mode
Address
Cycle(s)(1,2)
Dummy
Cycle(s)(3)
Data
Cycle(s)(3)
Max
Freq(1)
SPI SQI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com