Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S71PL129JC0 Datasheet(PDF) 30 Page - SPANSION

Part # S71PL129JC0
Description  Stacked Multi-Chip Product (MCP) Flash Memory and pSRAM 128 Megabit (8M x 16-bit) CMOS3.0 Volt-only Simultaneous Operation, Page Mode Flash Memory
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL129JC0 Datasheet(HTML) 30 Page - SPANSION

Back Button S71PL129JC0 Datasheet HTML 26Page - SPANSION S71PL129JC0 Datasheet HTML 27Page - SPANSION S71PL129JC0 Datasheet HTML 28Page - SPANSION S71PL129JC0 Datasheet HTML 29Page - SPANSION S71PL129JC0 Datasheet HTML 30Page - SPANSION S71PL129JC0 Datasheet HTML 31Page - SPANSION S71PL129JC0 Datasheet HTML 32Page - SPANSION S71PL129JC0 Datasheet HTML 33Page - SPANSION S71PL129JC0 Datasheet HTML 34Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 153 page
background image
28
S71PL129JC0/S71PL129JB0/S71PL129JA0
S71PL129Jxx_00_A8 October 28, 2005
Advance
Info rmation
SA2-80
1
0
1010000XXX
32
280000h–287FFFh
SA2-81
1
0
1010001XXX
32
288000h–28FFFFh
SA2-82
1
0
1010010XXX
32
290000h–297FFFh
SA2-83
1
0
1010011XXX
32
298000h–29FFFFh
SA2-84
1
0
1010100XXX
32
2A0000h–2A7FFFh
SA2-85
1
0
1010101XXX
32
2A8000h–2AFFFFh
SA2-86
1
0
1010110XXX
32
2B0000h–2B7FFFh
SA2-87
1
0
1010111XXX
32
2B8000h–2BFFFFh
SA2-88
1
0
1011000XXX
32
2C0000h–2C7FFFh
SA2-89
1
0
1011001XXX
32
2C8000h–2CFFFFh
SA2-90
1
0
1011010XXX
32
2D0000h–2D7FFFh
SA2-91
1
0
1011011XXX
32
2D8000h–2DFFFFh
SA2-92
1
0
1011100XXX
32
2E0000h–2E7FFFh
SA2-93
1
0
1011101XXX
32
2E8000h–2EFFFFh
SA2-94
1
0
1011110XXX
32
2F0000h–2F7FFFh
SA2-95
1
0
1011111XXX
32
2F8000h–2FFFFFh
SA2-96
1
0
1100000XXX
32
300000h–307FFFh
SA2-97
1
0
1100001XXX
32
308000h–30FFFFh
SA2-98
1
0
1100010XXX
32
310000h–317FFFh
SA2-99
1
0
1100011XXX
32
318000h–31FFFFh
SA2-100
1
0
1100100XXX
32
320000h–327FFFh
SA2-101
1
0
1100101XXX
32
328000h–32FFFFh
SA2-102
1
0
1100110XXX
32
330000h–337FFFh
SA2-103
1
0
1100111XXX
32
338000h–33FFFFh
SA2-104
1
0
1101000XXX
32
340000h–347FFFh
SA2-105
1
0
1101001XXX
32
348000h–34FFFFh
SA2-106
1
0
1101010XXX
32
350000h–357FFFh
SA2-107
1
0
1101011XXX
32
358000h–35FFFFh
SA2-108
1
0
1101100XXX
32
360000h–367FFFh
SA2-109
1
0
1101101XXX
32
368000h–36FFFFh
SA2-110
1
0
1101110XXX
32
370000h–377FFFh
SA2-111
1
0
1101111XXX
32
378000h–37FFFFh
SA2-112
1
0
1110000XXX
32
380000h–387FFFh
SA2-113
1
0
1110001XXX
32
388000h–38FFFFh
SA2-114
1
0
1110010XXX
32
390000h–397FFFh
SA2-115
1
0
1110011XXX
32
398000h–39FFFFh
SA2-116
1
0
1110100XXX
32
3A0000h–3A7FFFh
SA2-117
1
0
1110101XXX
32
3A8000h–3AFFFFh
SA2-118
1
0
1110110XXX
32
3B0000h–3B7FFFh
SA2-119
1
0
1110111XXX
32
3B8000h–3BFFFFh
SA2-120
1
0
1111000XXX
32
3C0000h–3C7FFFh
SA2-121
1
0
1111001XXX
32
3C8000h–3CFFFFh
SA2-122
1
0
1111010XXX
32
3D0000h–3D7FFFh
SA2-123
1
0
1111011XXX
32
3D8000h–3DFFFFh
Table 3. S29PL129J Sector Architecture (Sheet 6 of 7)
Bank
Sector
CE1#
CE2#
Sector Address (A21-
A12)
Sector Size
(Kwords)
Address Range (x16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com