Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S71PL129JC0 Datasheet(PDF) 81 Page - SPANSION

Part # S71PL129JC0
Description  Stacked Multi-Chip Product (MCP) Flash Memory and pSRAM 128 Megabit (8M x 16-bit) CMOS3.0 Volt-only Simultaneous Operation, Page Mode Flash Memory
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL129JC0 Datasheet(HTML) 81 Page - SPANSION

Back Button S71PL129JC0 Datasheet HTML 77Page - SPANSION S71PL129JC0 Datasheet HTML 78Page - SPANSION S71PL129JC0 Datasheet HTML 79Page - SPANSION S71PL129JC0 Datasheet HTML 80Page - SPANSION S71PL129JC0 Datasheet HTML 81Page - SPANSION S71PL129JC0 Datasheet HTML 82Page - SPANSION S71PL129JC0 Datasheet HTML 83Page - SPANSION S71PL129JC0 Datasheet HTML 84Page - SPANSION S71PL129JC0 Datasheet HTML 85Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 153 page
background image
October 28, 2005 S71PL129Jxx_00_A8
S71PL129JC0/S71PL129JB0/S71PL129JA0
79
Advance
Informatio n
Notes:
1. Typical program and erase times assume the following conditions: 25°C, 3.0 V VCC, 100,000 cycles. Additionally,
programming typicals assume checkerboard pattern. All values are subject to change.
2. Under worst case conditions of 90°C, VCC = 2.7 V, 1,000,000 cycles. All values are subject to change.
3. The typical chip programming time is considerably less than the maximum chip programming time listed, since most
bytes program faster than the maximum program times listed.
4. In the pre-programming step of the Embedded Erase algorithm, all bytes are programmed to 00h before erasure.
5. System-level overhead is the time required to execute the two- or four-bus-cycle sequence for the program
command. See Table 12 for further information on command definitions.
6. The device has a minimum erase and program cycle endurance of 100,000 cycles.
BGA Pin Capacitance
Notes:
1. Sampled, not 100% tested.
2. Test conditions TA = 25°C, f = 1.0 MHz.
Figure 23. Timing Diagram for Alternating Between CE1# and CE2# Control
Table 25. Erase And Programming Performance
Parameter
Typ (Note 1)
Max (Note 2)
Unit
Comments
Sector Erase Time
0.5
2
sec
Excludes 00h programming
prior to erasure (Note 4)
Chip Erase Time
PL129J
135
216
sec
Word Program Time
6
100
µs
Excludes system level
overhead (Note 5)
Accelerated Word Program Time
4
60
µs
Chip Program Time
(Note 3)
PL129J
50.4
200
sec
Parameter Symbol
Parameter Description
Test Setup
Typ
Max
Unit
CIN
Input Capacitance
VIN = 0
6.3
7
pF
COUT
Output Capacitance
VOUT = 0
7.0
8
pF
CIN2
Control Pin Capacitance
VIN = 0
5.5
8
pF
CIN3
WP#/ACC Pin Capacitance
VIN = 0
11
12
pF
CE1#
tCCR
tCCR
CE2#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com