Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PHH223HMP4680ME4 Datasheet(PDF) 4 Page - Kemet Corporation

Part # PHH223HMP4680ME4
Description  PHH223, 125°C, Hybrid Radial Crown, UL ESR, AEC-Q200
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

PHH223HMP4680ME4 Datasheet(HTML) 4 Page - Kemet Corporation

  PHH223HMP4680ME4 Datasheet HTML 1Page - Kemet Corporation PHH223HMP4680ME4 Datasheet HTML 2Page - Kemet Corporation PHH223HMP4680ME4 Datasheet HTML 3Page - Kemet Corporation PHH223HMP4680ME4 Datasheet HTML 4Page - Kemet Corporation PHH223HMP4680ME4 Datasheet HTML 5Page - Kemet Corporation PHH223HMP4680ME4 Datasheet HTML 6Page - Kemet Corporation PHH223HMP4680ME4 Datasheet HTML 7Page - Kemet Corporation PHH223HMP4680ME4 Datasheet HTML 8Page - Kemet Corporation PHH223HMP4680ME4 Datasheet HTML 9Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
© KEMET Electronics Corporation • One East Broward Boulevard
A4123_PHH223 • 6/18/2024
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
Hybrid Radial Crown Capacitors – PHH223, +125°C, Hybrid Radial Crown, UL ESR, AEC-Q200
Shelf Life
The capacitance, ESR and impedance of a capacitor will not change significantly after extended storage periods at
temperatures up to 40°C, however the leakage current will very slowly increase.
Environmental Compliance
All Part Numbers in this datasheet are Reach and RoHS compliant and Halogen-Free.
As an environmentally conscious company, KEMET is working continuously with improvements concerning the environmental
effects of both our capacitors and their production.
In Europe (RoHS Directive) and in some other geographical areas such as China, legislation has been put in place to prevent
the use of some hazardous materials, such as lead (Pb), in electronic equipment. All products in this catalog are produced
to help our customers' obligations to guarantee their products and fulfill these legislative requirements. The only material of
concern in our products has been lead (Pb), which has been removed from all designs to fulfill the requirement of containing
less than 0.1% of lead in any homogeneous material. KEMET will closely follow any changes in legislation world wide and
makes any necessary changes in its products, whenever needed.
Some customer segments such as medical, military, and automotive electronics may still require the use of lead in electrode
coatings. To clarify the situation and distinguish products from each other, a special symbol is used on the packaging labels
for RoHS compatible capacitors.
Due to customer requirements, there may appear additional markings such as LF = Lead-free or LFW = Lead-free wireson the
label.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com