Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EM5203BJS-02A Datasheet(PDF) 4 Page - Excelliance MOS Corp.

Part # EM5203BJS-02A
Description  Current-Limited Power Distribution Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EM5203BJS-02A Datasheet(HTML) 4 Page - Excelliance MOS Corp.

  EM5203BJS-02A Datasheet HTML 1Page - Excelliance MOS Corp. EM5203BJS-02A Datasheet HTML 2Page - Excelliance MOS Corp. EM5203BJS-02A Datasheet HTML 3Page - Excelliance MOS Corp. EM5203BJS-02A Datasheet HTML 4Page - Excelliance MOS Corp. EM5203BJS-02A Datasheet HTML 5Page - Excelliance MOS Corp. EM5203BJS-02A Datasheet HTML 6Page - Excelliance MOS Corp. EM5203BJS-02A Datasheet HTML 7Page - Excelliance MOS Corp. EM5203BJS-02A Datasheet HTML 8Page - Excelliance MOS Corp. EM5203BJS-02A Datasheet HTML 9Page - Excelliance MOS Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
2020/03/26
A.4
4
EM5203 series
Electrical Characteristics
VIN=5V, TA=25℃, unless otherwise specified
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Supply Input Section
POR Threshold
VPORTH
-
2.2
2.5
V
Quiescent Current
IQ
IOUT=0A
-
65
120
uA
Shutdown Current
ISD
EN#=5V
-
0.1
1
uA
Output Voltage
On Resistance
RON
For EM5203BJS-02A
110
140
m
For EM5203AJ/J-02A
For EM5203AVK6/VK6-02A
85
100
m
For EM5203AJ/J-05A
For EM5203AVK6/VK6-05A
85
100
m
For EM5203AJ/J-10A/15A
85
100
m
Reverse Leakage Current
IRev
VOUT=5V , VIN=0V
-
0.1
2
uA
Soft-Start Time
Tss
Rising from 10% to 90%
CL =1uF;RLOAD =10
0.5
1.5
ms
Turn On Delay Time
Td
EN high to Vo 10%, VIN=5V,
CL =1uF;RLOAD =10
200
us
Enable
Enable High Level
VEN
1.2
-
-
V
Disable Low Level
VSD
-
-
0.5
V
EN Input Current
IEN
-
0.1
1
uA
OC# Flag Output
OC# Output Resistance
RFLGB
ISINK=1mA
-
20
80
OC# Off Current
IFLGB_OFF VFLGB=5V
-
0.1
1
uA
OC# Delay Time
TD
4
8
20
ms
OUT Shutdown Discharge
Resistance
RDIS
100
Protection
OCP Threshold Level
IOCP
EM5203-02
0.3
0.4
0.65
A
Output Short Circuit Current
ISC
0.3
A
OCP Threshold Level
IOCP
EM5203-05
0.6
0.8
1.2
A
Output Short Circuit Current
ISC
0.5
A
OCP Threshold Level
IOCP
EM5203-10
1.1
1.3
1.8
A
Output Short Circuit Current
ISC
0.8
A
OCP Threshold Level
IOCP
EM5203-15
1.6
1.8
2.4
A
Output Short Circuit Current
ISC
1.2
A
Thermal Shutdown Temperature
TSD
-
160
-
oC
Thermal Shutdown Hysteresis
TSDHYS
-
30
-
oC
Note 1.
Stresses listed as the above “Absolute Maximum Ratings” may cause permanent damage to the device.
These are for stress ratings. Functional operation of the device at these or any other conditions beyond
those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may remain possibility to affect device reliability.
Note 2.
JA is measured in the natural convection at T
A=25
oC on a low effective thermal conductivity test board (Single layout,
1S) of JEDEC 51-3 thermal measurement standard.
Note 3.
Devices are ESD sensitive. Handling precaution is recommended.
Note 4.
The device is not guaranteed to function outside its operating conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com