Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EM5203BJS-02A Datasheet(PDF) 1 Page - Excelliance MOS Corp.

Part # EM5203BJS-02A
Description  Current-Limited Power Distribution Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EM5203BJS-02A Datasheet(HTML) 1 Page - Excelliance MOS Corp.

  EM5203BJS-02A Datasheet HTML 1Page - Excelliance MOS Corp. EM5203BJS-02A Datasheet HTML 2Page - Excelliance MOS Corp. EM5203BJS-02A Datasheet HTML 3Page - Excelliance MOS Corp. EM5203BJS-02A Datasheet HTML 4Page - Excelliance MOS Corp. EM5203BJS-02A Datasheet HTML 5Page - Excelliance MOS Corp. EM5203BJS-02A Datasheet HTML 6Page - Excelliance MOS Corp. EM5203BJS-02A Datasheet HTML 7Page - Excelliance MOS Corp. EM5203BJS-02A Datasheet HTML 8Page - Excelliance MOS Corp. EM5203BJS-02A Datasheet HTML 9Page - Excelliance MOS Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
2020/03/26
A.4
1
EM5203 Series
Current-Limited Power Distribution Switches
General Description
The EM5203 series is an N-channel MOSFET
high-side power switch without parasitic body
diode between drain and source. The EM5203AJ-20
provides very low on-resistance as 60m and
continuously delivers up to 1.5A output current.
The fault flag output function indicates fault
conditions to the local USB controller. The other
features include soft start, current limit protection,
Power-On-Reset function, and over temperature
protection. The EM5203 series is available in
SOT23-3, SOT23-5 and DFN1.8X2.0-06 package.
Ordering Information
Part Number
Package
Remark
EM5203BJS-02A
SOT23-3
0.2A
EM5203AJ-02A
SOT23-5
0.2A/Active High
EM5203J-02A
SOT23-5
0.2A/Active Low
EM5203AVK6-02A
DFN1.8X2.0-06
0.2A/Active High
EM5203VK6-02A
DFN1.8X2.0-06
0.2A/Active Low
EM5203AJ-05A
SOT23-5
0.5A/Active High
EM5203J-05A
SOT23-5
0.5A/Active Low
EM5203AVK6-05A
DFN1.8X2.0-06
0.5A/Active High
EM5203VK6-05A
DFN1.8X2.0-06
0.5A/Active Low
EM5203AJ-10A
SOT23-5
1A/Active High
EM5203J-10A
SOT23-5
1A/Active Low
EM5203AJ-15A
SOT23-5
1.5A/Active High
EM5203J-15A
SOT23-5
1.5A/Active Low
Features
Wide Input Range 2.5V to 5.5V
Low MOSFET On Resistance
2us Short Protection Response
Low Quiescent(65uA) & Shutdown Current
Deglitched Open-Drain Fault Flag Output
Reverse Current Flow blocking
Power On Reset Function
Current Limit Protection
Over Temperature Protection
Soft Start and Fast turn off
Reverse Voltage Protection
Enable Active High or Active Low
UL Recognized, File No.E468218
Halogen Free
Applications
USB
Notebook & Netbook &MB
Pin Configuration
2
3
4
5
GND
VIN
EN / EN#
OC#
OUT
SOT23-5
Typical Application Circuit
EM5203
EN (EN#)
GND
Enable
Disable
VOUT
OC#
VOUT
VIN
VIN
Note: A low ESR 100uF capacitor between VOUT &
GND is recommended.


Similar Part No. - EM5203BJS-02A

ManufacturerPart #DatasheetDescription
logo
Excelliance MOS Corp.
EM5203AJ EXCELLIANCE-EM5203AJ Datasheet
896Kb / 8P
2A Current-Limited Power Distribution Switches
2023/06/08
EM5203AJ-20 EXCELLIANCE-EM5203AJ-20 Datasheet
896Kb / 8P
2A Current-Limited Power Distribution Switches
2023/06/08
EM5203AJ-20 EXCELLIANCE-EM5203AJ-20 Datasheet
896Kb / 8P
2A Current-Limited Power Distribution Switches
2023/06/08
EM5203AN-20 EXCELLIANCE-EM5203AN-20 Datasheet
1Mb / 8P
3A Current-Limited Power Distribution Switches
2016/3/14
EM5203J EXCELLIANCE-EM5203J Datasheet
896Kb / 8P
2A Current-Limited Power Distribution Switches
2023/06/08
More results

Similar Description - EM5203BJS-02A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
CURRENT LIMITED POWER DISTRIBUTION SWITCHES
Oct-2003
ST2054 STMICROELECTRONICS-ST2054 Datasheet
445Kb / 9P
CURRENT LIMITED POWER DISTRIBUTION SWITCHES
13-Jul-2005
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2066 TI-TPS2066_08 Datasheet
1Mb / 35P
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2054 STMICROELECTRONICS-ST2054_07 Datasheet
198Kb / 13P
Current limited Power distribution switches
29-May-2007
logo
Texas Instruments
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
Current Limited, Power-Distribution Switches
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com