Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PB22SIM40R Datasheet(PDF) 1 Page - Carlo Gavazzi Holding AG

Part # PB22SIM40R
Description  Push Button, Switch, Buzzer and LED Pilot Light
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

PB22SIM40R Datasheet(HTML) 1 Page - Carlo Gavazzi Holding AG

  PB22SIM40R Datasheet HTML 1Page - Carlo Gavazzi Holding AG PB22SIM40R Datasheet HTML 2Page - Carlo Gavazzi Holding AG PB22SIM40R Datasheet HTML 3Page - Carlo Gavazzi Holding AG PB22SIM40R Datasheet HTML 4Page - Carlo Gavazzi Holding AG PB22SIM40R Datasheet HTML 5Page - Carlo Gavazzi Holding AG PB22SIM40R Datasheet HTML 6Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Push Button and Selector Switch Assembly
Pilot Light Assembly
This quick selection guide is designed to help you quickly and accurately select all of the components
needed to create a custom Push Button assembly, or to select the correct pilot device for an application.
Simply determine which features are required, and find a part number that meets the requirement on the
following pages. Many accessory items are available, for a truly custom fit.
Operator
Holder
Lamp Element
Contact Block
Bezel Push Button
(for illuminated Push
(up to 3)
with LED and 1NO+1NC
Buttons or Switches)
Pilot lights and buzzers are simple to select and install. Simply determine the color, lens type, voltage, and
find the correct part number - no other components are required.
The operator will be inserted
The holder will be secured at the back
The contact block is snapped on.
into the panel.
by two screws or nut.
Just insert the pilot light in the the
The pilot light will be secured at the
The pilot light has been installed.
hole of the panel.
back by the plastic nut.


Similar Part No. - PB22SIM40R

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
PB223-156M CONNOR-WINFIELD-PB223-156M Datasheet
376Kb / 2P
Low Jitter LVPECL Clock Oscillator
More results

Similar Description - PB22SIM40R

ManufacturerPart #DatasheetDescription
logo
CW Industries
GPB024A05BR CWIND-GPB024A05BR Datasheet
613Kb / 1P
PUSH BUTTON SWITCH
GPB502A05BR CWIND-GPB502A05BR Datasheet
504Kb / 1P
PUSH BUTTON SWITCH
GPB527A202BB CWIND-GPB527A202BB Datasheet
456Kb / 1P
PUSH BUTTON SWITCH
GPB527B2L02BR1 CWIND-GPB527B2L02BR1 Datasheet
463Kb / 1P
PUSH BUTTON SWITCH
GPB527B202BB CWIND-GPB527B202BB Datasheet
446Kb / 1P
PUSH BUTTON SWITCH
GPBS800LR1 CWIND-GPBS800LR1 Datasheet
52Kb / 1P
PUSH BUTTON SWITCH
logo
List of Unclassifed Man...
GPBS-850N ETC2-GPBS-850N Datasheet
51Kb / 1P
PUSH BUTTON SWITCH
logo
Schneider Electric
XB6DV3BB SCHNEIDER-XB6DV3BB Datasheet
118Kb / 5P
16mm push button, Harmony XB6, pilot light, rectangular green lens, integral 12/24V LED light module
Sep 13, 2021
9001KP1 SCHNEIDER-9001KP1 Datasheet
132Kb / 2P
30mm Push Button, Type K, pilot light, transformer, 120 VAC
Dec 6, 2021
9001KP7LYY9 SCHNEIDER-9001KP7LYY9 Datasheet
134Kb / 2P
횠30 pilot light push button 20 - 30 V with spring return
Dec 6, 2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com