Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PB22SIM40R Datasheet(PDF) 6 Page - Carlo Gavazzi Holding AG

Part # PB22SIM40R
Description  Push Button, Switch, Buzzer and LED Pilot Light
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

PB22SIM40R Datasheet(HTML) 6 Page - Carlo Gavazzi Holding AG

  PB22SIM40R Datasheet HTML 1Page - Carlo Gavazzi Holding AG PB22SIM40R Datasheet HTML 2Page - Carlo Gavazzi Holding AG PB22SIM40R Datasheet HTML 3Page - Carlo Gavazzi Holding AG PB22SIM40R Datasheet HTML 4Page - Carlo Gavazzi Holding AG PB22SIM40R Datasheet HTML 5Page - Carlo Gavazzi Holding AG PB22SIM40R Datasheet HTML 6Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Pilot Lights - Two Color
Size
Type
Voltage
Part Number
22mm Standard
(50mm depth behind panel)
6 VAC/DC
PL22STCRG06
12 VAC/DC
PL22STCRG12
24 VAC/DC
PL22STCRG24
48 VAC/DC
PL22STCRG48
110 VAC/DC
PL22STCRG110
220 VDC
PL22STCRG220D
220 VAC
PL22STCRG220A
380 VAC
PL22STCRG380A
Panel Indicator - Buzzer and Flashing Buzzer
Size
Type
Voltage
Red
Black
22mm Standard
(50mm depth behind panel)
6 VAC/DC
-
PL22SBZK06
12 VAC/DC
-
PL22SBZK12
24 VAC/DC
-
PL22SBZK24
48 VAC/DC
-
PL22SBZK48
110 VAC/DC
-
PL22SBZK110
220 VDC
-
PL22SBZK220D
220 VAC
-
PL22SBZK220A
380 VAC
-
PL22SBZK380A
6 VAC/DC
PL22SFBZR06
-
12 VAC/DC
PL22SFBZR12
-
24 VAC/DC
PL22SFBZR24
-
48 VAC/DC
PL22SFBZR48
-
110 VAC/DC
PL22SFBZR110
-
220 VDC
PL22SFBZR220D
-
220 VAC
PL22SFBZR220A
-
380 VAC
PL22SFBZR380A
-
Accessories for Pilot Lights
Picture
Description
Part Number
Reducing ring for Pilot Light - 25mm hole
PARR2
Reducing ring for Pilot Light - 30mm hole
PARR3
Fastening tool for Pilot Light
PAPLCONN
Panel hole cap for unused 22mm holes
PAPHC22
Low Lens
Buzzer
Flashing
Buzzer
Your Authorized Distributor
USA Phone: 847.465.6100 Fax: 800.222.2659
Canada Ontario: 905.542.0979 Quebec: 514.644.2544
Website www.GavazziOnline.com
Email Sales@CarloGavazzi.com
Visit our website for downloadable data sheets,
brochures & pricing: www.GavazziOnline.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com