Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PB22SIM41R Datasheet(PDF) 2 Page - Carlo Gavazzi Holding AG

Part # PB22SIM41R
Description  Push Button, Switch, Buzzer and LED Pilot Light
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

PB22SIM41R Datasheet(HTML) 2 Page - Carlo Gavazzi Holding AG

  PB22SIM41R Datasheet HTML 1Page - Carlo Gavazzi Holding AG PB22SIM41R Datasheet HTML 2Page - Carlo Gavazzi Holding AG PB22SIM41R Datasheet HTML 3Page - Carlo Gavazzi Holding AG PB22SIM41R Datasheet HTML 4Page - Carlo Gavazzi Holding AG PB22SIM41R Datasheet HTML 5Page - Carlo Gavazzi Holding AG PB22SIM41R Datasheet HTML 6Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Emergency Stop Buttons - Non-Illuminated, Maintained Action
I/O Push Buttons
Hole Size
Button Size
Mounting Ring
Reset
Red
Hole Size
Illuminated
22mm
40mm
Twist
PB22SEM41R
22mm
Yes
PB22SIO0RG
Key
PB22SKM41R
No
PB22SIOL0RG
Twist
PB22BEM41R
Key
PB22BKM41R
60mm
Twist
PB22SEM61R
Twist
PB22BEM61R
30mm
40mm
Twist
PB30FEM41R
Key
PB30FKM41R
60mm
Twist
PB30FEM61R
Flush
Mushroom Push Button Operators - Illuminated
Hole Size
Button Size
Mounting Ring
Action
Red
White
Black
Yellow
Green
22mm
40mm
Spring Return
PB22SIM40R
PB22SIM40W
-
PB22SIM40Y
PB22SIM40G
Maintained
PB22SIM41R
PB22SIM41W
-
PB22SIM41Y
PB22SIM41G
Spring Return
PB22BIM40R
PB22BIM40W
-
PB22BIM40Y
PB22BIM40G
Maintained
PB22BIM41R
PB22BIM41W
-
PB22BIM41Y
PB22BIM41G
60mm
Spring Return
PB22SIM60R
PB22SIM60W
-
PB22SIM60Y
PB22SIM60G
Maintained
PB22SIM61R
PB22SIM61W
-
PB22SIM61Y
PB22SIM61G
Spring Return
PB22BIM60R
PB22BIM60W
-
PB22BIM60Y
PB22BIM60G
Maintained
PB22BIM61R
PB22BIM61W
-
PB22BIM61Y
PB22BIM61G
30mm
40mm
Spring Return
PB30FIM40R
PB30FIM40W
-
PB30FIM40Y
PB30FIM40G
Maintained
PB30FIM41R
PB30FIM41W
-
PB30FIM41Y
PB30FIM41G
60mm
Spring Return
PB30FIM60R
PB30FIM60W
-
PB30FIM60Y
PB30FIM60G
Maintained
PB30FIM61R
PB30FIM61W
-
PB30FIM61Y
PB30FIM61G
Push Button Operators - Illuminated
Hole Size
Type
Mounting Ring
Action
Red
White
Black
Blue
Yellow
Green
22mm
Flush Round
Spring Return
PB22SIF0R
PB22SIF0W
PB22SIF0K
PB22SIF0B
PB22SIF0Y
PB22SIF0G
Maintained
PB22SIF1R
PB22SIF1W
PB22SIF1K
PB22SIF1B
PB22SIF1Y
PB22SIF1G
Spring Return
PB22BIF0R
PB22BIF0W
PB22BIF0K
PB22BIF0B
PB22BIF0Y
PB22BIF0G
Maintained
PB22BIF1R
PB22BIF1W
PB22BIF1K
PB22BIF1B
PB22BIF1Y
PB22BIF1G
Extended
Spring Return
PB22SIE0R
PB22SIE0W
PB22SIE0K
PB22SIE0B
PB22SIE0Y
PB22SIE0G
Maintained
PB22SIE1R
PB22SIE1W
PB22SIE1K
PB22SIE1B
PB22SIE1Y
PB22SIE1G
Spring Return
PB22BIE0R
PB22BIE0W
PB22BIE0K
PB22BIE0B
PB22BIE0Y
PB22BIE0G
Maintained
PB22BIE1R
PB22BIE1W
PB22BIE1K
PB22BIE1B
PB22BIE1Y
PB22BIE1G
30mm
Flush Round
Spring Return
PB30FIF0R
PB30FIF0W
PB30FIF0K
PB30FIF0B
PB30FIF0Y
PB30FIF0G
Maintained
PB30FIF1R
PB30FIF1W
PB30FIF1K
PB30FIF1B
PB30FIF1Y
PB30FIF1G
Extended
Spring Return
PB30FIE0R
PB30FIE0W
PB30FIE0K
PB30FIE0B
PB30FIE0Y
PB30FIE0G
Maintained
PB30FIE1R
PB30FIE1W
PB30FIE1K
PB30FIE1B
PB30FIE1Y
PB30FIE1G
Push Button Operators - Non-Illuminated
Hole Size
Type
Mounting Ring
Action
Red
White
Black
Blue
Yellow
Green
22mm
Flush Round
Spring Return
PB22SF0R
PB22SF0W
PB22SF0K
PB22SF0B
PB22SF0Y
PB22SF0G
Maintained
PB22SF1R
PB22SF1W
PB22SF1K
PB22SF1B
PB22SF1Y
PB22SF1G
Spring Return
PB22BF0R
PB22BF0W
PB22BF0K
PB22BF0B
PB22BF0Y
PB22BF0G
Maintained
PB22BF1R
PB22BF1W
PB22BF1K
PB22BF1B
PB22BF1Y
PB22BF1G
Extended
Spring Return
PB22SE0R
PB22SE0W
PB22SE0K
PB22SE0B
PB22SE0Y
PB22SE0G
Maintained
PB22SE1R
PB22SE1W
PB22SE1K
PB22SE1B
PB22SE1Y
PB22SE1G
Spring Return
PB22BE0R
PB22BE0W
PB22BE0K
PB22BE0B
PB22BE0Y
PB22BE0G
Maintained
PB22BE1R
PB22BE1W
PB22BE1K
PB22BE1B
PB22BE1Y
PB22BE1G
30mm
Flush Round
Spring Return
PB30FF0R
PB30FF0W
PB30FF0K
PB30FF0B
PB30FF0Y
PB30FF0G
Maintained
PB30FF1R
PB30FF1W
PB30FF1K
PB30FF1B
PB30FF1Y
PB30FF1G
Extended
Spring Return
PB30FE0R
PB30FE0W
PB30FE0K
PB30FE0B
PB30FE0Y
PB30FE0G
Maintained
PB30FE1R
PB30FE1W
PB30FE1K
PB30FE1B
PB30FE1Y
PB30FE1G
Mushroom Push Button Operators - Non-Illuminated
Hole Size
Button Size
Mounting Ring
Action
Red
White
Black
Yellow
Green
22mm
40mm
Spring Return
PB22SM40R
-
PB22SM40K
PB22SM40Y
PB22SM40G
Maintained
PB22SM41R
-
PB22SM41K
PB22SM41Y
PB22SM41G
Spring Return
PB22BM40R
-
PB22BM40K
PB22BM40Y
PB22BM40G
Maintained
PB22BM41R
-
PB22BM41K
PB22BM41Y
PB22BM41G
60mm
Spring Return
PB22SM60R
-
PB22SM60K
PB22SM60Y
PB22SM60G
Maintained
PB22SM61R
-
PB22SM61K
PB22SM61Y
PB22SM61G
Spring Return
PB22BM60R
-
PB22BM60K
PB22BM60Y
PB22BM60G
Maintained
PB22BM61R
-
PB22BM61K
PB22BM61Y
PB22BM61G
30mm
40mm
Spring Return
PB30FM40R
-
PB30FM40K
PB30FM40Y
PB30FM40G
Maintained
PB30FM41R
-
PB30FM41K
PB30FM41Y
PB30FM41G
60mm
Spring Return
PB30FM60R
-
PB30FM60K
PB30FM60Y
PB30FM60G
Maintained
PB30FM61R
-
PB30FM61K
PB30FM61Y
PB30FM61G
Standard
Bezel
Standard
Bezel
Flush
Flush
Standard
Bezel
Standard
Bezel
Flush
Flush
Standard
Bezel
Standard
Bezel
Flush
Flush
Standard
Bezel
Standard
Bezel
Flush
Flush
Standard
Bezel
Standard
Bezel
Flush
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com