Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PB22SIM41R Datasheet(PDF) 4 Page - Carlo Gavazzi Holding AG

Part # PB22SIM41R
Description  Push Button, Switch, Buzzer and LED Pilot Light
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

PB22SIM41R Datasheet(HTML) 4 Page - Carlo Gavazzi Holding AG

  PB22SIM41R Datasheet HTML 1Page - Carlo Gavazzi Holding AG PB22SIM41R Datasheet HTML 2Page - Carlo Gavazzi Holding AG PB22SIM41R Datasheet HTML 3Page - Carlo Gavazzi Holding AG PB22SIM41R Datasheet HTML 4Page - Carlo Gavazzi Holding AG PB22SIM41R Datasheet HTML 5Page - Carlo Gavazzi Holding AG PB22SIM41R Datasheet HTML 6Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Contact Blocks
Holders
Configuration
Snap Action
Slow Action
Metal
PBMBM
2 NO (DPST)
PA2200/1
PA2200/2
Plastic
PBMBP
2 NC (DPST)
PA2020/1
PA2020/2
Nut
PBMBN
1 NC (SPST)
PA2010/1
PA2010/2
1 NO (SPST)
PA2100/1
PA2100/2
1 NC + 1 NO (DPST)
PA2110/1
PA2110/2
Lamp Elements
Voltage
Red
White
Blue
Yellow
Green
6 VAC/DC
PALAMPR06
PALAMPW06
PALAMPB06
PALAMPY06
PALAMPG06
12 VAC/DC
PALAMPR12
PALAMPW12
PALAMPB12
PALAMPY12
PALAMPG12
24 VAC/DC
PALAMPR24
PALAMPW24
PALAMPB24
PALAMPY24
PALAMPG24
48 VAC/DC
PALAMPR48
PALAMPW48
PALAMPB48
PALAMPY48
PALAMPG48
110 VAC/DC
PALAMPR110
PALAMPW110
PALAMPB110
PALAMPY110
PALAMPG110
220 VDC
PALAMPR220D
PALAMPW220D
PALAMPB220D
PALAMPY220D
PALAMPG220D
220 VAC
PALAMPR220A
PALAMPW220A
PALAMPB220A
PALAMPY220A
PALAMPG220A
380 VAC
PALAMPR380A
PALAMPW380A
PALAMPB380A
PALAMPY380A
PALAMPG380A
Accessories for Push Buttons
Picture
Accessories for Push Buttons
Part Number
Seal Cover for IP67 Rating
PASEALCOV
Shield for preventing accidental hit
PAPBSHIELD
Protection cover - lockable
PAPBCOV
Terminal shield - protect against electrical shock
PA2SHIELD
Mounting ring - 22mm hole
PAMR22
Mounting ring - 25mm hole
PAMR25
Front bezel set - 30mm hole
PAFBZL30
Label frame for adding description - 10mm
PALBF11
Label frame for adding description - 18mm
PALBF18
Emergency Stop plate - 60mm diameter
PAWP6
Emergency Stop plate - 90mm diameter
PAWP9
Yellow Protection Ring for preventing accidental hit - 60mm
PAYPR4
Yellow Protection Ring for preventing accidental hit - 40mm
PAYPR6
Panel hole cap for unused 22mm holes
PAPHC22
4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com