Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BTD3011X Datasheet(PDF) 5 Page - BASIC SEMICONDUCTOR

Part # BTD3011X
Description  Single-Channel Isolated Gate Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BASICSEMI [BASIC SEMICONDUCTOR]
Direct Link  https://www.basicsemi.com/
Logo BASICSEMI - BASIC SEMICONDUCTOR

BTD3011X Datasheet(HTML) 5 Page - BASIC SEMICONDUCTOR

  BTD3011X Datasheet HTML 1Page - BASIC SEMICONDUCTOR BTD3011X Datasheet HTML 2Page - BASIC SEMICONDUCTOR BTD3011X Datasheet HTML 3Page - BASIC SEMICONDUCTOR BTD3011X Datasheet HTML 4Page - BASIC SEMICONDUCTOR BTD3011X Datasheet HTML 5Page - BASIC SEMICONDUCTOR BTD3011X Datasheet HTML 6Page - BASIC SEMICONDUCTOR BTD3011X Datasheet HTML 7Page - BASIC SEMICONDUCTOR BTD3011X Datasheet HTML 8Page - BASIC SEMICONDUCTOR BTD3011X Datasheet HTML 9Page - BASIC SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
www.basicsemi.com
5/15
Rev.0.1
Single-ChannelIsolatedGateDriver
BTD3011x
PARAMETER
TESTCONDITIONS
MIN
MAX
UNIT
Input bias pin supply voltage, VCC
VCC-GND
-0.5
6.5
V
Secondary-side total supply voltage, VTOT
VISO-COM
-0.5
30
Secondary-side positive supply voltage
VISO-VEE
-0.5
17.5
Secondary-side negative supplyvoltage
VEE-COM
-0.5
15
Logic input voltage
IN+, IN- to GND
-0.5
VCC+0.5
Logic output voltage
FAULT to GND
-0.5
VCC+0.5
DESAT pin voltage
DESAT-COM
-0.5
VTOT+0.5
Switching frequency, fS
-
-
75
kHz
Operating junction temperature, TJ
-
-40
150
℃
Storage temperature, TS
-
-40
150
Soldering temperature (10s), TL
-
-
300
Input power dissipation PP
VCC=5V, VTOT=28V,
TA=25℃, fS=75kHz
188
mW
Output power dissipation PS
1602
Total IC power dissipation PDJS
1790
ESD
Human body model (HBM)
±2000
V
Charged device model (CDM)
±1000
Note: The above are stress levels only.Devices are not recommended to operate under these or any other conditions beyond these
values.Prolonged operation under the absolute maximum rating may affect the reliability of the device, and in severe cases it may
cause permanent damage to the devices.
7.2ThermalResistanceInformation
SYMBOL
DESCRIPTION
SOW-16
UNIT
RθJA Junction-to-ambient thermal resistance
46.58
℃/W
RθJC(top) Junction-to-case (top) thermal resistance
10.52
RθJB Junction-to-board thermal resistance
31.47
ψJT Junction-to-top characterization parameter
31.47
ψJB Junction-to-board characterization parameter
41.69
7.SpecificationParameters
7.1AbsoluteMaximumRatings
7.3RecommendedOperationConditions
SYMBOL
PARAMETER
MIN
MAX
UNIT
VCC Input supply voltage
4.75
5.25
V
VTOT Secondary-side total supply voltage, VISO-COM
22
28
VIN Logic input voltage
0
VCC
TA Operating ambient temperature
-40
125
℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com