Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BTD3011X Datasheet(PDF) 1 Page - BASIC SEMICONDUCTOR

Part # BTD3011X
Description  Single-Channel Isolated Gate Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BASICSEMI [BASIC SEMICONDUCTOR]
Direct Link  https://www.basicsemi.com/
Logo BASICSEMI - BASIC SEMICONDUCTOR

BTD3011X Datasheet(HTML) 1 Page - BASIC SEMICONDUCTOR

  BTD3011X Datasheet HTML 1Page - BASIC SEMICONDUCTOR BTD3011X Datasheet HTML 2Page - BASIC SEMICONDUCTOR BTD3011X Datasheet HTML 3Page - BASIC SEMICONDUCTOR BTD3011X Datasheet HTML 4Page - BASIC SEMICONDUCTOR BTD3011X Datasheet HTML 5Page - BASIC SEMICONDUCTOR BTD3011X Datasheet HTML 6Page - BASIC SEMICONDUCTOR BTD3011X Datasheet HTML 7Page - BASIC SEMICONDUCTOR BTD3011X Datasheet HTML 8Page - BASIC SEMICONDUCTOR BTD3011X Datasheet HTML 9Page - BASIC SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
www.basicsemi.com
1/15
Rev.0.1
Single-ChannelIsolatedGateDriver
BTD3011x
Single-ChannelIsolatedGateDriver
BTD3011x
VISO
VEE CONTROL
VCC
GND
FAULT
VEE
COM
VISO
VGXX
OUTH
OUTL
DESAT
IN+
IN-
ASSD
LEVEL
SHIFTER
BOOTSTRAP
CHARGE PUMP
SHORT-CIRCUIT
DETECTION
+
-
VDESAT
COM
CONTROL LOGIC/
SUPPLY VOLTAGE
MONITORING
CONTROL LOGIC/
SUPPLY VOLTAGE
MONITORING
1
TRANSCEIVER
(BIDIRECTIONAL)
TRANSCEIVER
(BIDIRECTIONAL)
5
2
3
4
14
13
16
15
10
11
12
1.Features
3.Description
• Isolation voltage up to 5000Vrms
• Peak output current up to ±15A
• CMTI=150kV/μs Minimum
• Maximum switching frequency 75kHz
• Secondary-side supply up to 28V
• Primary-side and secondary-side power supply
undervoltage lockout (UVLO)
• Compatible with 3.3V, 5V input
• Short circuit protection and soft shut down integrated
• Voltage regulator integrated for secondary-side
power supply
• SOW-16 (wide-body) package
• Operating Temperature -40~125℃
BTD3011x is a single channel gate driver with galvanic
isolation provided using magnetic coupling. The peak
output drive current is ±15A. The SOW-16 package
enables an isolation voltage of 5000Vrms. Short circuit
protection, soft shut down and primary/secondary side
undervoltage lockout (UVLO) are provided. Voltage reg-
ulator is integrated for the secondary-side supply. the
peripheral circuit design is significantly simplified.
2.Applications
• Industrial motor drives
• EV motor drives
• PV inverters
• Energy storage inverters
4.FunctionalBlockDiagram


Similar Part No. - BTD3011X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BTD32C1 ETC2-BTD32C1 Datasheet
39Kb / 1P
HC-49/US Microprocessor Crystals
logo
Caliber Electronics Inc...
BTD32C1 CALIBER-BTD32C1 Datasheet
44Kb / 1P
HC-49/US Microprocessor Crystals
logo
List of Unclassifed Man...
BTD32C3 ETC2-BTD32C3 Datasheet
39Kb / 1P
HC-49/US Microprocessor Crystals
logo
Caliber Electronics Inc...
BTD32C3 CALIBER-BTD32C3 Datasheet
44Kb / 1P
HC-49/US Microprocessor Crystals
logo
List of Unclassifed Man...
BTD32C5 ETC2-BTD32C5 Datasheet
39Kb / 1P
HC-49/US Microprocessor Crystals
More results

Similar Description - BTD3011X

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
GA03IDDJT30-FR4 GENESIC-GA03IDDJT30-FR4 Datasheet
789Kb / 9P
Isolated Gate Driver
logo
Texas Instruments
UCC21520 TI1-UCC21520 Datasheet
1Mb / 45P
Isolated Dual-Channel Gate Driver
logo
STMicroelectronics
STGAP1S STMICROELECTRONICS-STGAP1S Datasheet
2Mb / 67P
gapDRIVE™: galvanically isolated single gate driver
May 2015 Rev 3
logo
Texas Instruments
UCC5310 TI1-UCC5310_18 Datasheet
1Mb / 56P
Single-Channel Isolated Gate Drivers
UCC5310_018 TI1-UCC5310_018 Datasheet
1Mb / 48P
Single-Channel Isolated Gate Drivers
logo
Infineon Technologies A...
1EDI2010AS INFINEON-1EDI2010AS Datasheet
3Mb / 135P
Single Channel Isolated Driver
Rev 2.0, 2017-06-19
logo
Texas Instruments
UCC5310_0018 TI1-UCC5310_0018 Datasheet
1Mb / 58P
Single-Channel Isolated Gate Drivers
logo
Diodes Incorporated
DGD2117 DIODES-DGD2117_V01 Datasheet
602Kb / 11P
SINGLE CHANNEL GATE DRIVER
Rev. 3 - 2 November 2019
logo
BASIC SEMICONDUCTOR
BTD21520 BASICSEMI-BTD21520 Datasheet
642Kb / 19P
Dual-Channel Isolated Gate Driver
Rev.0.0
logo
ON Semiconductor
NCD57530 ONSEMI-NCD57530 Datasheet
821Kb / 23P
Isolated Dual Channel IGBT Gate Driver
June, 2022 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com