Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IPS8200HQ-1 Datasheet(PDF) 13 Page - STMicroelectronics

Part # IPS8200HQ-1
Description  Octal high-side smart power solid-state relay with serial/parallel selectable interface on-chip
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IPS8200HQ-1 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button IPS8200HQ-1 Datasheet HTML 9Page - STMicroelectronics IPS8200HQ-1 Datasheet HTML 10Page - STMicroelectronics IPS8200HQ-1 Datasheet HTML 11Page - STMicroelectronics IPS8200HQ-1 Datasheet HTML 12Page - STMicroelectronics IPS8200HQ-1 Datasheet HTML 13Page - STMicroelectronics IPS8200HQ-1 Datasheet HTML 14Page - STMicroelectronics IPS8200HQ-1 Datasheet HTML 15Page - STMicroelectronics IPS8200HQ-1 Datasheet HTML 16Page - STMicroelectronics IPS8200HQ-1 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
6
Demagnetization energy
Figure 7. Typical single pulse demagnetization: EOFF vs IOUT (VCC = 24 V, TAMB = 125 °C)
Figure 8. Typical single pulse demagnetization: LLOAD vs IOUT (VCC = 24 V, TAMB = 125 °C)
0.20
0.80
1.40
2.00
2.60
3.20
0.5
0.6
0.7
0.8
0.9
1
Output current (A)
IPS8200HQ, IPS8200HQ-1
Demagnetization energy
DS14313 - Rev 2
page 13/36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com