Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IPS8200HQ-1 Datasheet(PDF) 2 Page - STMicroelectronics

Part # IPS8200HQ-1
Description  Octal high-side smart power solid-state relay with serial/parallel selectable interface on-chip
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IPS8200HQ-1 Datasheet(HTML) 2 Page - STMicroelectronics

  IPS8200HQ-1 Datasheet HTML 1Page - STMicroelectronics IPS8200HQ-1 Datasheet HTML 2Page - STMicroelectronics IPS8200HQ-1 Datasheet HTML 3Page - STMicroelectronics IPS8200HQ-1 Datasheet HTML 4Page - STMicroelectronics IPS8200HQ-1 Datasheet HTML 5Page - STMicroelectronics IPS8200HQ-1 Datasheet HTML 6Page - STMicroelectronics IPS8200HQ-1 Datasheet HTML 7Page - STMicroelectronics IPS8200HQ-1 Datasheet HTML 8Page - STMicroelectronics IPS8200HQ-1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
The SPI interface (enabled by SEL2 pin = H) can work up to 5 MHz in 8-bits (SEL1 = L), or 16-bits (SEL1 = H)
with a parity check and extended diagnostic (DC/DC operation, case overtemperature, SPI Communication Fail,
and Power Good) information. In SPI mode the daisy chain is allowed, and both the OUT_EN signal and the MCU
freeze detection by watchdog are available. If enabled (WD_EN voltage above 25% of VREG), the watchdog
circuitry generates an internal reset on expiry of the internal watchdog timer. The watchdog timer reset can be
achieved by applying a negative pulse on the WD pin. The watchdog timer can be programmed by the set voltage
on the WD_EN pin.
The internal LED matrix driver circuitry (4 rows, 2 columns) allows the efficient driving of the 8 LEDs reporting the
on/off status of each of the 8 outputs. The VREG pin supplies both the logic output buffers and LED matrix. The
100 mA output current capability of the integrated step-down (featuring overload and short-circuit conditions) can
be used to supply both the VREG pin and other application components (for example: digital isolators or
optocouplers).
Active per-channel current limitations (0.7 A and 1.0 A for IPS8200HQ and IPS8200HQ-1, respectively),
combined with channel-independent thermal shutdown, protect the circuitry against overload and short circuits.
Built-in thermal shutdown protects each channel from overtemperature and overload: each overheated channel
automatically turns OFF after its junction temperature triggers the protection threshold (TTSD). The channel turns
back ON if its junction temperature decreases lower than the restart threshold (TR). An additional case
temperature sensor protects the whole chip against overtemperature: if the case temperature triggers the TCSD
threshold then overloaded channels are turned OFF and restart only when the case temperature decreases to the
reset threshold (TCR). Non-overloaded channels continue to operate normally.
Loss of GND protection guarantees automatic turn-off of the outputs in case of a ground wire break.
Dedicated diagnostic pins report the detection of: invalid voltage range on VCC rail (PG pin),
caseovertemperature (TWARN pin), SPI fault, or junction overtemperature (FAULT pin).
IPS8200HQ, IPS8200HQ-1
DS14313 - Rev 2
page 2/36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com