Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PL75-47 Datasheet(PDF) 48 Page - Emerson Network Power

Part # PL75-47
Description  Military, Space and Testing Equipment
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PL75-47 Datasheet(HTML) 48 Page - Emerson Network Power

Back Button PL75-47 Datasheet HTML 44Page - Emerson Network Power PL75-47 Datasheet HTML 45Page - Emerson Network Power PL75-47 Datasheet HTML 46Page - Emerson Network Power PL75-47 Datasheet HTML 47Page - Emerson Network Power PL75-47 Datasheet HTML 48Page - Emerson Network Power PL75-47 Datasheet HTML 49Page - Emerson Network Power PL75-47 Datasheet HTML 50Page - Emerson Network Power PL75-47 Datasheet HTML 51Page - Emerson Network Power PL75-47 Datasheet HTML 52Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 100 page
background image
46
2.866
BNC RECEPTACLE
-30
° TYP
.156 DIA MOUNTING HOLE
.447 DIA
.570
J3W Shown
.447
.570
2.366
.797
.156 DIA MTG HOLE
2.420
.500
DIA
.200
.164
.081 DIA HOLE IN
SOLDER LUG
SOLDER POT
ACCEPTS
.063 DIA
WIRE
.570
.447
DIA
.500 WRENCH FLATS
.562
DIA
.156 MTG HOLE
.812
.560
.375
.281
CABLE
ENTRY
1.892
N TYPE RECEPTACLE
2.590
.570
.447 DIA
.156 DIA MTG HOLE
TNC RECEPTACLE
2.366
.500 DIA
.156 DIA MTG HOLE
Patching Products / Coax
Patch Jacks
Patch Jack
BNC Rear Interface
50Ω RCA Center Pin – .070”..................... J3
75Ω WE Center Pin – .090”................... J3W
Patch Jack
Solder Pot
50Ω RCA Center Pin – .070”.................. J3D
75Ω WE Center Pin – .090”................ J3WD
(WECo 468 type)
Patch Jack
Cable Entry
50Ω RCA Center Pin – .070”............. J3E-
75Ω WE Center Pin – .090”........... J3WE-
(WECo 447 type) Microswitch not available
J3E-1 Shown
Patch Jack
Type N
50Ω RCA Center Pin – .070”..................... J9
75Ω WE Center Pin – .090”................ UJ9W
Minimum vertical/
horizontal centers .875"
Patch Jack
TNC
50Ω RCA Center Pin – .070”..................... J5
75Ω WE Center Pin – .090”................... J5W
Patch Jack
Self-terminating
BNC 50Ω RCA Center Pin – .070”........ J13-R
75Ω WE Center Pin – .090”.............. J13W-R
WECo 477B Type
TNC 50Ω.......................................... J13H-R
TNC 75Ω...................................... J13WH-R
Standard Panels see pages 51. R-Resistance (½W, 1%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com