Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PL75-47 Datasheet(PDF) 57 Page - Emerson Network Power

Part # PL75-47
Description  Military, Space and Testing Equipment
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PL75-47 Datasheet(HTML) 57 Page - Emerson Network Power

Back Button PL75-47 Datasheet HTML 53Page - Emerson Network Power PL75-47 Datasheet HTML 54Page - Emerson Network Power PL75-47 Datasheet HTML 55Page - Emerson Network Power PL75-47 Datasheet HTML 56Page - Emerson Network Power PL75-47 Datasheet HTML 57Page - Emerson Network Power PL75-47 Datasheet HTML 58Page - Emerson Network Power PL75-47 Datasheet HTML 59Page - Emerson Network Power PL75-47 Datasheet HTML 60Page - Emerson Network Power PL75-47 Datasheet HTML 61Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 100 page
background image
55
# of Holes
Panel Height
Hole Spacing
Foot Note
Fig
Non-insulated
Part #
Insulated Part #
Insulated Pheno-
lic Part #
A
B
C
12
1.75"
-
1.43"
1.43"
1
A
JS-12
JSI-12
16
1.75”
-
1.00”
1.00”
1
A
JS-16
JSI-16
20
1.75"
-
.830"
.830"
1
A
JS-20
JSI-20
24
1.75"
-
.625"
.750"
1
A
JS-24S
JSI-24S
26
1.75"
-
.625"
.625"
1
A
JS-26
JSI-26
28
1.75"
-
.625"
.625"
1
A
JS-28
JSI-28
32
1.75"
.625"
1.00"
1.00"
2
B
JS-32S
JSI-32S
JSIB-32S
40
1.75"
.625"
.830"
.830"
2
B
JS-40S
JSI-40S
JSIB-40S
48
1.75"
.625"
.625"
.750"
2
B
JS-48S
JSI-48S
JSIB-48S
52
1.75"
.625"
.625"
.625"
2
B
JS-52S
JSI-52S
JSIB-52S
24
3.50"
.625
1.43"
1.43"
2
C
JS-24L
JSI-24L
24
3.50"
1.00"
1.43"
1.43"
1
C
JS-24W
JSI-24W
28
3.50"
.625"
1.21"
1.21"
2
C
JS-28A
JSI-28A
28
3.50"
1.00"
1.21"
1.21"
C
JS-28W
JSI-28W
32
3.50"
.625"
1.00"
1.00"
2
C
JS-32A
JSI-32A
JSIB-32A
36
3.50
.625"
.625"
.750"
2
I
JS-36
JSI-36
36
3.50"
.625"
.830"
.830"
2
C
JS-36A
JSI-36A
40
3.50"
.625"
.830"
.830"
2
C
JS-40
JSI-40
JSIB-40
40
3.50"
1.00"
.830"
.830"
1
C
JS-40W
JSI-40W
JSIB-40W
48
3.50"
.625"
.625"
.750"
2
C
JS-48
JSI-48
JSIB-48
48
3.50"
.625"
.625"
.625"
2
C
JS-48A
JSI-48A
JSIB-48A
52
3.50"
1.00"
.625"
.625"
C
JS-52W
JSI-52W
JSIB-52W
52
3.50"
.625"
.625"
.625"
2
C
JS-52
JSI-52
JSIB-52
56
3.50"
.625"
.625"
.625"
2
C
JS-56
JSI-56
JSIB-56
72
3.50"
.625"
.680"
.680"
3
D
JSS-72
JSIS-72
Custom Cable Assembly Lines
Trompeter’s coax patch cords and cable assemblies are of the
highest quality and can be ordered in any length. Trompeter
normally stocks popular lengths of 6”, 12”, 18”, 24”, 36”, 48”, 60”,
and 72”. Standard coax patch cords and cable assemblies are made
with the following cables: Patch Cords and Cable Assemblies are
available in 50Ω RCA Standard or 75Ω Western Electric (WECo)
Standard. The two standards are not intermateable. Trompeter
stocks many other connector types for quick turnaround of
custom cable assemblies including:
D-Subs & Backshells:
Male & Female 9, 15, 25, 37 pin and more
SMA/SMB/SMCs:
Straight and Right Angles for RG-58, RG-142, RG-174,
RG-188, RG-316, and RG-400
"L"
LENGTH
"L"
LENGTH
"L"
LENGTH
"L"
LENGTH
"L"
LENGTH
Z = denotes impedance of connecting cable in ohms. L= denotes length in inches.
Patching Products / Custom Cable Assemblies
Impedance
Cable Type
Trompeter Cabl
Part #
50Ω
RG-58
TCC-50-2
75Ω
RG-59
TCC-75-2
93Ω
RG-62
N/A
Patch Cords (see p/n below) Patch Plug to Patch Plug
50Ω RCA Plug Center Pin .070”......... PC-L-Z
75Ω WE Center Pin .090”.............. PCW-L-Z
75Ω Mini-WECo......................... PCMW-L-Z
Cable Assembly Patch Plug to Push-on Plug
50Ω RCA Plug Center Pin .070” to 50Ω Push-on............... PCPX-L-Z
50Ω RCA Plug Center Pin .070” to 75Ω Push-on............. UPCPX-L-Z
75Ω WE Center Pin .090” to 50Ω Push-on..................... PCPWX-L-Z
75Ω WE Center Pin .090” to 75Ω Push-on.................. UPCPWX-L-Z
Cable Assembly BNC Plug to BNC Plug
Tool Crimp BNC
50Ω.............................................. PCYC-L-Z
75Ω............................................ UPCYC-L-Z
Cable Assembly BNC Plug to BNC Plug
Wrench Crimp
50Ω BNC......................................... PCY-L-Z
75Ω BNC...................................... UPCY-L-Z
Cable Assembly Patch Plug to BNC Plug
50Ω RCA Plug Center Pin .070” to 50Ω BNC....................... PCX-L-Z
50Ω RCA Plug Center Pin .070” to 75Ω BNC..................... UPCX-L-Z
75Ω We Center Pin .090” to 50Ω BNC............................. PCWX-L-Z
75Ω We Center Pin .090” to 75Ω BNC........................... UPCWX-L-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com