Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PX2FS2001BAAC Datasheet(PDF) 10 Page - Honeywell Accelerometers

Part # PX2FS2001BAAC
Description  Heavy Duty Pressure Transducers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

PX2FS2001BAAC Datasheet(HTML) 10 Page - Honeywell Accelerometers

Back Button PX2FS2001BAAC Datasheet HTML 6Page - Honeywell Accelerometers PX2FS2001BAAC Datasheet HTML 7Page - Honeywell Accelerometers PX2FS2001BAAC Datasheet HTML 8Page - Honeywell Accelerometers PX2FS2001BAAC Datasheet HTML 9Page - Honeywell Accelerometers PX2FS2001BAAC Datasheet HTML 10Page - Honeywell Accelerometers PX2FS2001BAAC Datasheet HTML 11Page - Honeywell Accelerometers PX2FS2001BAAC Datasheet HTML 12Page - Honeywell Accelerometers PX2FS2001BAAC Datasheet HTML 13Page - Honeywell Accelerometers PX2FS2001BAAC Datasheet HTML 14Page - Honeywell Accelerometers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10
sensing.honeywell.com
PX2 Series
Table 4. Mechanical Characteristics
Characteristic
Parameter
Mechanical shock
100 G per MIL-STD-202F, Method 213B, Cond. F (at 25 °C)
Vibration
20 G sweep, 10 Hz to 2000 Hz (at 25 °C)
Enclosure rating
per electrical connector selection (See Figure 7.)
Wetted materials:
port
substrate
adhesives
electronics
304 stainless steel
alumina ceramic
epoxy
glass, silicon
External materials:
housing
connector
cable jacket
304 stainless steel
PBT 30% GF
TPE
Installation torque
per port type (See Figure 8.)
Table 3. Pressure Types
Pressure Reference
Description
Absolute
Output is proportional to the difference between applied pressure and a built-in fixed reference to
vacuum (zero pressure), where the minimum operating pressure is set to absolute zero pressure
(perfect vacuum)
Sealed Gage1
Output is proportional to the difference between applied pressure and a built-in fixed reference to
1 atmsA, where the minimum operating pressure is set to 14.7 psiA (1 atmsA)
1
Sealed gage option only available in pressure ranges at or above 100 psi.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com