Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PX2FS2001BAAC Datasheet(PDF) 5 Page - Honeywell Accelerometers

Part # PX2FS2001BAAC
Description  Heavy Duty Pressure Transducers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

PX2FS2001BAAC Datasheet(HTML) 5 Page - Honeywell Accelerometers

  PX2FS2001BAAC Datasheet HTML 1Page - Honeywell Accelerometers PX2FS2001BAAC Datasheet HTML 2Page - Honeywell Accelerometers PX2FS2001BAAC Datasheet HTML 3Page - Honeywell Accelerometers PX2FS2001BAAC Datasheet HTML 4Page - Honeywell Accelerometers PX2FS2001BAAC Datasheet HTML 5Page - Honeywell Accelerometers PX2FS2001BAAC Datasheet HTML 6Page - Honeywell Accelerometers PX2FS2001BAAC Datasheet HTML 7Page - Honeywell Accelerometers PX2FS2001BAAC Datasheet HTML 8Page - Honeywell Accelerometers PX2FS2001BAAC Datasheet HTML 9Page - Honeywell Accelerometers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
sensing.honeywell.com
Durability improves output and endurance.
*Competitive Differentiator
Features
and Benefits
ENVIRONMENTALLY TOUGH
Compatibility with a wide variety of harsh media, up to IP69K ingress protection, and
100 V/m radiated immunity allow for use in tough environments.
WIDE OPERATING TEMPERATURE RANGE
A compensated operating temperature range of -40 °C to 125 °C [-40 °F to 257 °F]
allows customers to design the same sensor into a variety of applications.
SHOCK AND VIBRATION RESISTANT
A mechanical shock rating of 100 G per MIL-STD-202F, Method 213B, Cond. F, and a
vibration rating of 20 G sweep, 10 Hz to 2000 Hz, increase flexibility of use within the
application.
GOOD EMC PROTECTION
Provides confidence that the transducer will not be damaged by environmental
electromagnetic interference. Radiated immunity protection up to 100 V/m (ISO
11452-2) is available.
ENERGY EFFICIENT*
AC and AD output transfer functions offer a 3.3 V ratiometric output with a <7 ms
turn on time, enabling the PX2 Series to be used when energy efficiency is a key
requirement.
SIX SIGMA DESIGN STANDARDS*
Results in the highest level of quality, performance, and consistency so that customers
are assured that the transducer will perform to specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com