Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DER-43 Datasheet(PDF) 17 Page - Power Integrations, Inc.

Part # DER-43
Description  24.5W Power Supply using DPA424G
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-43 Datasheet(HTML) 17 Page - Power Integrations, Inc.

Back Button DER-43 Datasheet HTML 13Page - Power Integrations, Inc. DER-43 Datasheet HTML 14Page - Power Integrations, Inc. DER-43 Datasheet HTML 15Page - Power Integrations, Inc. DER-43 Datasheet HTML 16Page - Power Integrations, Inc. DER-43 Datasheet HTML 17Page - Power Integrations, Inc. DER-43 Datasheet HTML 18Page - Power Integrations, Inc. DER-43 Datasheet HTML 19Page - Power Integrations, Inc. DER-43 Datasheet HTML 20Page - Power Integrations, Inc. DER-43 Datasheet HTML 21Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
DER-43
24.5 W Telecom Line Card PSU
November 18, 2004
13 Transient Load
13.1 Transient Load Test Setup
For transient load tests, additional capacitors were added to eliminate noise pickup
during transient load tests (1uF/50V electrolytic in parallel with a 0.1uF/50V ceramic).
These were placed at the output of the power supply. From there the lead length to the
electronic load was approximately 12 inches to the electronic load. Voltage probes (x1
probes) were placed right at the output of the power supply.
Page 17 of 23
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com