Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DER-43 Datasheet(PDF) 21 Page - Power Integrations, Inc.

Part # DER-43
Description  24.5W Power Supply using DPA424G
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-43 Datasheet(HTML) 21 Page - Power Integrations, Inc.

Back Button DER-43 Datasheet HTML 15Page - Power Integrations, Inc. DER-43 Datasheet HTML 16Page - Power Integrations, Inc. DER-43 Datasheet HTML 17Page - Power Integrations, Inc. DER-43 Datasheet HTML 18Page - Power Integrations, Inc. DER-43 Datasheet HTML 19Page - Power Integrations, Inc. DER-43 Datasheet HTML 20Page - Power Integrations, Inc. DER-43 Datasheet HTML 21Page - Power Integrations, Inc. DER-43 Datasheet HTML 22Page - Power Integrations, Inc. DER-43 Datasheet HTML 23Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
DER-43
24.5 W Telecom Line Card PSU
November 18, 2004
15 Other Test Results
During short circuit, the following happened:
-
for –28 V short circuit, the power supply went into autorestart
-
for –65 V short circuit, the power supply shut-down. The power supply would
normally go into autorestart under this condition. However, since the –40 VDC
input rail is used to derive the output of –65 VDC, when the –65 VDC output is
shorted, this also shorts the input voltage and causes the power supply to go into
under-voltage shutdown (which occurs when the input voltage drops below ~ 32
VDC).
Page 21 of 23
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com