Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DER-57 Datasheet(PDF) 17 Page - Power Integrations, Inc.

Part # DER-57
Description  3W Power Supply using LNK501P
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-57 Datasheet(HTML) 17 Page - Power Integrations, Inc.

Back Button DER-57 Datasheet HTML 13Page - Power Integrations, Inc. DER-57 Datasheet HTML 14Page - Power Integrations, Inc. DER-57 Datasheet HTML 15Page - Power Integrations, Inc. DER-57 Datasheet HTML 16Page - Power Integrations, Inc. DER-57 Datasheet HTML 17Page - Power Integrations, Inc. DER-57 Datasheet HTML 18Page - Power Integrations, Inc. DER-57 Datasheet HTML 19Page - Power Integrations, Inc. DER-57 Datasheet HTML 20Page - Power Integrations, Inc. DER-57 Datasheet HTML 21Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
DER-57
Industrial – LNK501P
April 20, 2005
Page 17 of 26
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
8.4
Power Factor
Figure 9 – Power Factor
Power Factor
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
0
0.05
0.1
0.15
0.2
0.25
Output Current (Amps)
90VAC
115VAC
135VAC
220VAC
265VAC
Power Factor
50.0%
55.0%
60.0%
65.0%
70.0%
75.0%
80.0%
85.0%
90.0%
95.0%
100.0%
90
115
140
165
190
215
240
265
290
Input Voltage (RMS)
0.25A load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com