Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DER-57 Datasheet(PDF) 21 Page - Power Integrations, Inc.

Part # DER-57
Description  3W Power Supply using LNK501P
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-57 Datasheet(HTML) 21 Page - Power Integrations, Inc.

Back Button DER-57 Datasheet HTML 17Page - Power Integrations, Inc. DER-57 Datasheet HTML 18Page - Power Integrations, Inc. DER-57 Datasheet HTML 19Page - Power Integrations, Inc. DER-57 Datasheet HTML 20Page - Power Integrations, Inc. DER-57 Datasheet HTML 21Page - Power Integrations, Inc. DER-57 Datasheet HTML 22Page - Power Integrations, Inc. DER-57 Datasheet HTML 23Page - Power Integrations, Inc. DER-57 Datasheet HTML 24Page - Power Integrations, Inc. DER-57 Datasheet HTML 25Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
DER-57
Industrial – LNK501P
April 20, 2005
Page 21 of 26
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
10 Output Ripple Measurements
10.1.1 Ripple Measurement Technique
For DC output ripple measurements, a modified oscilloscope test probe must be utilized
in order to reduce spurious signals due to pickup. Details of the probe modification are
provided in Figure 19 and Figure 20.
The 5125BA probe adapter is affixed with two capacitors tied in parallel across the probe
tip. The capacitors include one (1) 0.1
µF/50 V ceramic type and one (1) 1.0 µF/50 V
aluminum electrolytic.
The aluminum electrolytic type capacitor is polarized, so
proper polarity across DC outputs must be maintained (see below).
Figure 19 – Oscilloscope Probe Prepared for Ripple Measurement. (End Cap and Ground Lead Removed)
Figure 20 – Oscilloscope Probe with Probe Master 5125BA BNC Adapter. (Modified with wires for probe
ground for ripple measurement, and two parallel decoupling capacitors added)
Probe Ground
Probe Tip



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com