Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

82PR2KLF Datasheet(PDF) 3 Page - Bi technologies

Part # 82PR2KLF
Description  1/4 Diameter Single Turn Cermet Trimming Potentiometer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

82PR2KLF Datasheet(HTML) 3 Page - Bi technologies

  82PR2KLF Datasheet HTML 1Page - Bi technologies 82PR2KLF Datasheet HTML 2Page - Bi technologies 82PR2KLF Datasheet HTML 3Page - Bi technologies 82PR2KLF Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1
1-67
Model 82
PACKAGING
Standard: Boxes
Capacity
=
50 Units (82PA, 82PF)
=
100 Units (All other styles)
Option:
Tubes
All units oriented with #1 pin to same side.
Pin Style
PA
P,M,W
Magazine
Width
=
0.28”
0.34”
Height
=
0.94”
0.65”
Length
=
15.6”
27.5”
Capacity
=
50 Units
100 Units
Option:
Tape & Reel, Ammo Pack (Available for 82W Only)
All units oriented with #1 pin to the right of the direction of feed.
Seat Plane to
Centerline of
Sprocket Hole
=
.71” (18.03 mm)
Tape
Width
=
18 mm
Sprocket
=
Single Hole .50” spacing
Capacity
=
1,000 Units
Reel
Diameter
=
14” (356 mm)
Ammo
Tape Fold
=
12” (305 mm)
Box
=
1.5” x 13” x 10”
STANDARD RESISTANCE VALUES, OHMS
10
100
1K
10K
50K
250K
20
200
2K
20K
100K
500K
50
500
5K
25K
200K
1Meg



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com