Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

82PR2KLF Datasheet(PDF) 4 Page - Bi technologies

Part # 82PR2KLF
Description  1/4 Diameter Single Turn Cermet Trimming Potentiometer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

82PR2KLF Datasheet(HTML) 4 Page - Bi technologies

  82PR2KLF Datasheet HTML 1Page - Bi technologies 82PR2KLF Datasheet HTML 2Page - Bi technologies 82PR2KLF Datasheet HTML 3Page - Bi technologies 82PR2KLF Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
1-68
Model 82
ORDERING INFORMATION
82 P R 10K LF
Model Series
Pin Style
RoHS Compliant Product Code - Optional
Resistance Value
Resistance Prefix
82 W R 10K LF TB
Pin Style
Packaging Option:
TB = Tubes
(Pin styles P, PA, M, W)
RoHS Compliant Product Code - Optional
82 W F R 10K LF TR
Pin Style
Pin Style Suffix:
(Used with AP and TR packaging options.
Applicable to pin styles W only.
"F" designates 0.60" lead length.)
Packaging Option:
AP = Ammo pack
TR = Tape & Reel
(Pin styles W, X only)
RoHS Compliant Product Code - Optional
Standard:
Option:
CIRCUIT DIAGRAM
(1)
(2)
(3)
CW
NOTES
mm
INCH
Metric equivalents, based on 1 inch = 25.4mm are
rounded to the same number of significant figures
as in the original English units and are provided for
general information only.
Tolerances unless otherwise specified:
Linear = ± .01 inches (.25mm)
Angular = ± 2 degrees
Option:



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com