Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP6003AS8RG Datasheet(PDF) 3 Page - SYNC POWER Crop.

Part # SP6003AS8RG
Description  Synchronous Rectifier Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNC-POWER [SYNC POWER Crop.]
Direct Link  http://www.syncpower.com
Logo SYNC-POWER - SYNC POWER Crop.

SP6003AS8RG Datasheet(HTML) 3 Page - SYNC POWER Crop.

  SP6003AS8RG Datasheet HTML 1Page - SYNC POWER Crop. SP6003AS8RG Datasheet HTML 2Page - SYNC POWER Crop. SP6003AS8RG Datasheet HTML 3Page - SYNC POWER Crop. SP6003AS8RG Datasheet HTML 4Page - SYNC POWER Crop. SP6003AS8RG Datasheet HTML 5Page - SYNC POWER Crop. SP6003AS8RG Datasheet HTML 6Page - SYNC POWER Crop. SP6003AS8RG Datasheet HTML 7Page - SYNC POWER Crop.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2006/03/28
Ver.3
Page 3
SP6003A
Synchronous Rectifier Driver
BLOCK DIAGRAM
ORDERING INFORMATION
Part Number
Package
Part Marking
SP6003AS8RG
SOP-8
SP6003AI
SP6003AS8TG
SOP-8
SP6003AI
※
SP6003AS8RG : 7” Tape Reel ; Pb – Free
※
SP6003AS8TG : Tube ; Pb – Free
ABSOULTE MAXIMUM RATINGS (TA=25 , unless otherwise specified.)
℃
The following ratings designate persistent limits beyond which damage to the device may occur
.
Symbol
Parameter
Value
Unit
Vdd
DC Supply Voltage
7
V
SYNC
SYNC Voltage
7.5
V
IOUT
Peak Source Current (Pulsed)
1
A
Peak Sink Current (Pulsed)
1.5
A
PD
Power Dissipation @ TA=85
(*)
℃
0.25
W
TJ
Operating Junction Temperature Range
-40 to 150
℃
TSTG
Storage Temperature Range
-40 to 150
℃
TLEAD
Lead Soldering Temperature for 5 sec.
260
℃



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com