Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP6003AS8RG Datasheet(PDF) 5 Page - SYNC POWER Crop.

Part # SP6003AS8RG
Description  Synchronous Rectifier Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNC-POWER [SYNC POWER Crop.]
Direct Link  http://www.syncpower.com
Logo SYNC-POWER - SYNC POWER Crop.

SP6003AS8RG Datasheet(HTML) 5 Page - SYNC POWER Crop.

  SP6003AS8RG Datasheet HTML 1Page - SYNC POWER Crop. SP6003AS8RG Datasheet HTML 2Page - SYNC POWER Crop. SP6003AS8RG Datasheet HTML 3Page - SYNC POWER Crop. SP6003AS8RG Datasheet HTML 4Page - SYNC POWER Crop. SP6003AS8RG Datasheet HTML 5Page - SYNC POWER Crop. SP6003AS8RG Datasheet HTML 6Page - SYNC POWER Crop. SP6003AS8RG Datasheet HTML 7Page - SYNC POWER Crop.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
2006/03/28
Ver.3
Page 5
SP6003A
Synchronous Rectifier Driver
PERFORMANCE CHARACTERISTICS (TA=25 , unless otherwise specified.)
℃
Figure 1: Supply Current vs Supply Voltage
0
1
2
3
4
5
6
7
8
9
10
3.3 3.5 3.7 4 4.2 4.4 4.6 4.9 5 5.3 5.5 5.7 6.1
VDD (V)
IDD
(m A)
Figure 4: Supply Current vs Load Capacitor
0
2
4
6
8
10
12
14
16
18
20
220 330
470 680 1000 1560 2200 2530 2880
CLoad (pF)
IDD
(m A)
Figure 2: Output Rise Tim e vs Load Capacitor
0
10
20
30
40
50
60
70
220
330
470
680
1000
1330
1680
CLo ad (pF)
Tim e
(ns)
Figure 5: Supply Current vs Freq. @ No Load
0
1
2
3
4
5
6
7
20
50
81 154 184 256 327 380 425 484 554
Frequency (kHz)
IDD
(m A)
Figure 3: Output Fall Tim e vs Load Capacitor
0
10
20
30
40
50
60
70
220
330
470
680
1000
1330
1680
CLoad (pF)
Tim e
(ns)
Figure 6: Supply Current vs Freq. @ Load=1nF
0
2
4
6
8
10
12
14
16
18
20
30
50
70
93
119 128
149
170
176
Frequency (kHz)
IDD
(m A)
*Fig. 2-4: Frequency = 85 kHz.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com