Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

A89505GESSR Datasheet(PDF) 11 Page - Allegro MicroSystems

Part # A89505GESSR
Description  Full-Bridge PWM Gate Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A89505GESSR Datasheet(HTML) 11 Page - Allegro MicroSystems

Back Button A89505GESSR Datasheet HTML 5Page - Allegro MicroSystems A89505GESSR Datasheet HTML 6Page - Allegro MicroSystems A89505GESSR Datasheet HTML 7Page - Allegro MicroSystems A89505GESSR Datasheet HTML 8Page - Allegro MicroSystems A89505GESSR Datasheet HTML 9Page - Allegro MicroSystems A89505GESSR Datasheet HTML 10Page - Allegro MicroSystems A89505GESSR Datasheet HTML 11Page - Allegro MicroSystems A89505GESSR Datasheet HTML 12Page - Allegro MicroSystems A89505GESSR Datasheet HTML 13Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Full-Bridge PWM Gate Driver
A89505
11
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
For Reference Only – Not for Tooling Use
(Reference Allegro DWG-0000222 Rev. 4 or JEDEC MO-220WGGD)
Dimensions in millimeters –NOT TO SCALE
Exact case and lead configuration at supplier discretion within limits shown
0.95
C
SEATING
PLANE
C
0.08
21×
20
20
2
1
1
2
20
2
1
A
A
B
C
D
D
C
4.00 BSC
2.45 ±0.10
4.00 BSC
2.45 ±0.10
4.10
0.30
0.50
4.10
0.50 BSC
0.40 ±0.10
2.45
2.45
B
PCB Layout Reference View
Terminal #1 mark area
Exposed thermal pad (reference only, terminal #1 identifier appearance at supplier discretion)
Reference land pattern layout (reference IPC7351 QFN50P400X400X80-21BM); all pads a minimum of 0.20 mm
from all adjacent pads; adjust as necessary to meet application process requirements and PCB layout tolerances;
when mounting on a multilayer PCB, thermal vias at the exposed thermal pad land can improve thermal dissipation
(reference EIA/JEDEC Standard JESD51-5)
Coplanarity includes exposed thermal pad and terminals
Standard Branding Reference View
Lines 1, 2, 3 = 6 characters
Line 1: Part Number
Line 2: 4 digit Date Code
Line 3: Characters 5, 6, 7, 8 of
Assembly Lot Number
Pin 1 Dot top left
Center align
XXXX
Date Code
Lot Number
1
Branding scale and appearance at supplier discretion.
E
0.25 +0.05
–0.07
0.75 ±0.05
0.20 MIN
0.02 +0.03
–0.02
E
C
0.15
2×
ES Package, 20-Pin QFN with Exposed Thermal Pad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com