Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MS2575 Datasheet(PDF) 1 Page - Advanced Power Technology

Part # MS2575
Description  RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MS2575 Datasheet(HTML) 1 Page - Advanced Power Technology

  MS2575 Datasheet HTML 1Page - Advanced Power Technology MS2575 Datasheet HTML 2Page - Advanced Power Technology MS2575 Datasheet HTML 3Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
dvanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
MS2575
DESCRIPTION:
DESCRIPTION:
The MS2575 is a medium power Class C transistor designed
specifically for pulsed L-Band avionics applications. Low RF
thermal resistance and computerized automatic wire bonding
techniques ensure high reliability and product consistency. The
MS2575 is housed in the IMPAC
™ package with internal input
matching.
AABSOLUTE MAXIMUM RATINGS (Tcase = 25
BSOLUTE MAXIMUM RATINGS (Tcase = 25
°°C)
C)
Symbol
Parameter
Value
Unit
PDISS
Power Dissipation
150
W
VCE
Collector-Emitter Bias Voltage
55
V
TJ
Junction Temperature
200
º C
IC
Device Current
3
A
TSTG
Storage Temperature
-65 to +200
º C
THERMAL DATA
THERMAL DATA
RTH(J-C)
Junction-case Thermal Resistance
1.0
°°C/W
Features
Features
• 1025-1150 MHz
• GOLD METALLIZATION
• INPUT MATCHED
• INFINITE VSWR CAPABILITY @ RATED CONDITIONS
• P
OUT = 35 W MINIMUM
• G
P = 10.7 dB
RF & MICROWAVE TRANSISTORS
AVIONICS APPLICATIONS
140 COMMERCE DRIVE
MONTGOMERYVILLE, PA
18936-1013
PHONE: (215) 631-9840
FAX: (215) 631-9855


Similar Part No. - MS2575

ManufacturerPart #DatasheetDescription
logo
Altech corporation
MS25 ALTECH-MS25 Datasheet
774Kb / 8P
MS016
logo
List of Unclassifed Man...
MS250 ETC1-MS250 Datasheet
57Kb / 2P
SLOW BLOW MICRO FUSE
logo
Astec America, Inc
MS250 ASTEC-MS250 Datasheet
656Kb / 2P
250 Watts
logo
Diotec Semiconductor
MS250 DIOTEC-MS250 Datasheet
119Kb / 2P
Surface Mount Si-Bridge-Rectifiers Si-Br짰kengleichrichter f짰 die Oberfl짰henmontage
MS250 DIOTEC-MS250 Datasheet
130Kb / 2P
Surface Mount Si-Bridge-Rectifiers
More results

Similar Description - MS2575

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AM0608-450 STMICROELECTRONICS-AM0608-450 Datasheet
82Kb / 3P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
AM80912-015 STMICROELECTRONICS-AM80912-015 Datasheet
94Kb / 6P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Mar-1994
AM80912-085 STMICROELECTRONICS-AM80912-085 Datasheet
66Kb / 5P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
MSC1000M STMICROELECTRONICS-MSC1000M Datasheet
100Kb / 5P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Oct-1992
MSC81325M STMICROELECTRONICS-MSC81325M Datasheet
73Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Oct-1992
MSC81400M STMICROELECTRONICS-MSC81400M Datasheet
65Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Oct-1992
SD1540-08 STMICROELECTRONICS-SD1540-08 Datasheet
72Kb / 5P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Nov-1992
logo
Advanced Power Technolo...
MS2290 ADPOW-MS2290 Datasheet
94Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MS2554 ADPOW-MS2554 Datasheet
91Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MSC1175M ADPOW-MSC1175M Datasheet
143Kb / 4P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com