Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MS2575 Datasheet(PDF) 2 Page - Advanced Power Technology

Part # MS2575
Description  RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MS2575 Datasheet(HTML) 2 Page - Advanced Power Technology

  MS2575 Datasheet HTML 1Page - Advanced Power Technology MS2575 Datasheet HTML 2Page - Advanced Power Technology MS2575 Datasheet HTML 3Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
dvanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
MS2575
ELECTRICAL SPECIFICATIONS (Tcase = 25
°C)
STATIC
Symbol
Test Conditions
Value
Min.
Typ.
Max.
Unit
BVCBO
IC = 10 mA
IE = 0 mA
65
---
---
V
BVCER
IC = 10 mA
RBE = 10
Ω
Ω
65
---
---
V
BVEBO
IE = 1 mA
IC = 0 mA
3.5
---
---
V
ICES
VCE = 50 V
---
---
5.0
mA
HFE
VCE = 5 V
IC = 500 mA
15
---
120
---
DYNAMIC
Symbol
Test Conditions
Value
Min.
Typ.
Max.
Unit
POUT
f =1025 - 1150 MHz
PIN = 3W
VCE =50V
35
---
---
W
ηη
C
f =1025 - 1150 MHz
PIN = 3W
VCE =50V
43
---
---
%
GP
f =1025 - 1150 MHz
PIN = 3W
VCE =50V
10.7
---
---
dB
Conditions
Pulse Width = 10
µµs Duty Cycle = 1%
IMPEDANCE DATA
FREQ
ZIN(
Ω)
Ω)
ZCL(
Ω)
Ω)
1025 MHz
2.6 + j8.3
7.7 + j2.0
1090 MHz
2.8 + j8.7
7.1 + j1.0
1150 MHz
3.2 + j4.4
6.5 – j0.5
Pin = 3W Vce = 50V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com