Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MP5505E Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP5505E
Description  7V, 4A, High-Efficiency, Energy Storage and Management Unit
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5505E Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP5505E Datasheet HTML 8Page - Monolithic Power Systems MP5505E Datasheet HTML 9Page - Monolithic Power Systems MP5505E Datasheet HTML 10Page - Monolithic Power Systems MP5505E Datasheet HTML 11Page - Monolithic Power Systems MP5505E Datasheet HTML 12Page - Monolithic Power Systems MP5505E Datasheet HTML 13Page - Monolithic Power Systems MP5505E Datasheet HTML 14Page - Monolithic Power Systems MP5505E Datasheet HTML 15Page - Monolithic Power Systems MP5505E Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
MP5505E – ENERGY STORAGE AND MANAGEMENT UNIT
MP5505E Rev. 1.01
www.MonolithicPower.com
12
5/15/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
MOSFET (LS-FET) control the switch. When
the LS-FET turns on, the inductor current
increases until it reaches its current limit. The
boost current limit can be programmed by a 68
- 200kΩ ICH resistor. After reaching the current
limit, the LS-FET turns off for the set minimum
off time. At the end of this minimum off time, if
the feedback voltage remains below the 0.795V
internal reference, the LS-FET turns on again.
Otherwise, the MP5505E waits until the voltage
drops below the threshold before turning on the
LS-FET.
Release
The MP5505E monitors the input and bus
voltages continuously. Once the bus voltage
drops below the selected release voltage (such
as when losing input power), the internal boost
converter stops charging and works in buck-
release mode. In buck mode, the part transfers
energy from the high-voltage storage capacitor
to the low-voltage bus capacitor. Determine the
release voltage by selecting resistor values for
the bus resistor divider.
The released buck applies a fixed-frequency
constant-on-time (COT) control and enables a
fast transition between the charge and release
modes. The buck converter works at 100% duty
cycle until the storage capacitor voltage
approaches the bus voltage. Then the storage
and bus voltages drop until they reach the
DC/DC converter’s UVLO (see Figure 4).
VB
VSTRG
PGIN
Release VB Regulation
Voltage
Figure 4: Release Times
During the buck release mode, if the load is too
high and the buck switching peak current limit is
triggered, the MP5505E prolongs the HS-FET
off period. This way, the inductor current can
ramp down in each cycle and prevent a
switching current runaway.
Input Current Limit
The input current limiter controls the input
inrush current of the internal hot-swap MOSFET
carefully to prevent inrush current from the input
to the bus. A capacitor connected to dV/dt sets
the soft-start time. Despite the soft-start
process, ILIM can limit the steady-state current.
Connect a resistor between ILIM and GND to
set the current limit.
Reverse-Current Protection
The hot-swapping circuit uses reverse-current
protection to prevent the storage energy from
transferring back to the input when the energy
is released from the storage capacitors to the
bus. The hot-swap MOSFET turns on when the
input voltage exceeds the VIN UVLO threshold
during start-up (or when the input voltage is
about 0.2V higher than the VB voltage). The
hot-swap MOSFET turns off when the input
voltage falls below the bus voltage during
release (or the input falls below the PGIN
threshold).
Start-Up Sequencing
Connect a capacitor across DVDT to program
the
soft-start
time.
The
energy
storage
capacitors charge during the soft start. Very
short dV/dt times can trigger the current-limit
threshold. Select a DVDT capacitor based on
the storage capacity.
Storage Power-Good Indicator (PGS)
When the voltage on the storage feedback
(FBS) drops below 0.9 x VFBS, the MP5505E
pulls PGS low internally. When the FBS voltage
is above 0.95 x VFBS, PGS goes high.
Bus Power-Good Indicator (PGIN)
When the voltage on the bus feedback (FBB)
falls below 1.0 x VFBB, the MP5505E pulls PGIN
low to indicate the release status. When the
MP5505E works in boost mode, PGIN is pulled
high to indicate the charging status.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com