Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MP5505E Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP5505E
Description  7V, 4A, High-Efficiency, Energy Storage and Management Unit
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5505E Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP5505E Datasheet HTML 9Page - Monolithic Power Systems MP5505E Datasheet HTML 10Page - Monolithic Power Systems MP5505E Datasheet HTML 11Page - Monolithic Power Systems MP5505E Datasheet HTML 12Page - Monolithic Power Systems MP5505E Datasheet HTML 13Page - Monolithic Power Systems MP5505E Datasheet HTML 14Page - Monolithic Power Systems MP5505E Datasheet HTML 15Page - Monolithic Power Systems MP5505E Datasheet HTML 16Page - Monolithic Power Systems MP5505E Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
MP5505E – ENERGY STORAGE AND MANAGEMENT UNIT
MP5505E Rev. 1.01
www.MonolithicPower.com
13
5/15/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
APPLICATION INFORMATION
Selecting the Input Capacitor and TVS
Capacitors at VIN are recommended to absorb
possible voltage spikes during input power turn-
on, input switch hard-off (during power-off), or
other
special
conditions.
The
application
determines the capacitor. For example, if the
input power trace is too long (with a higher
parasitic inductance) during the input switch
hard-off period, more energy pumps into the
input. This means more input capacitors are
needed to ensure that the input voltage spike
remains in a safe range. Use a 0.1µF (or larger)
capacitor based on the spike condition.
Consider the inrush current requirements when
selecting an input capacitor. Typically, more
input capacitors result in a higher input inrush
current during hot-plugging. A smaller input
capacitor is needed for a smaller inrush current.
The MP5505E works normally with a very small
input capacitor. However, this leads to a
possible high-voltage spike. An efficient solution
is to add a TVS diode at the input to absorb the
possible input voltage spike. At the same time,
keep the inrush current small during hot-
plugging. A typical TVS diode is recommended
(e.g.: SMA6J5.0A).
Setting the Storage Voltage
Set the storage voltage by choosing the
external feedback resistors R11 and R12
shown in Figure 5.
R11
R12
Cstorage
STRG
FBS
Figure 5. Storage Feedback Circuit
The storage voltage can be determined with
Equation (1):
STORAGE
FBS
R11
V(1
) V
R12

(1)
Where VFBS is 0.795V, typically.
R11 and R12 are not critical for normal
operation. R11 and R12 should be higher than
10kΩ to account for the bleed current. For
example, if R12 is 14kΩ, R11 is then
determined with Equation (2):
STORAGE
FBS
FBS
14k
(V
V
)
R11
V

(2)
For a 12V storage voltage, R11 is 196kΩ.
Table 1 lists the recommended resistor values
for different storage voltages.
Table 1: Resistor Pairs for VSTORAGE
VSTORAGE(V)
R11 (kΩ)
R12 (kΩ)
8
127
14
12
196
14
20
340
14
Selecting
Release
Voltage
and
VBus
Capacitors
Select the release voltage by choosing the
external feedback resistors R1 and R2
as
shown in Figure 6.
R1
R2
VB
FBB
CB
Figure 6: Release Feedback Circuit
Similarly, the release voltage can be calculated
with Equation (3):
RELEASE
FBB
R1
V(1
) V
R2

(3)
Where VFBB is 0.801V, typically. R2 should be
lower than 5kΩ (2.4kΩ is recommended). Table
2 lists the recommended resistor values for
different release voltages.
Table 2: Resistor Pairs for VRELEASE
VRELEASE (V)
R1 (kΩ)
R2 (kΩ)
4.2
10.2
2.4
2.9
10.5
4.02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com