Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISG2111 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # ISG2111
Description  Field-Stop IGBT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISG2111 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  ISG2111 Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISG2111 Datasheet HTML 2Page - Inchange Semiconductor Company Limited ISG2111 Datasheet HTML 3Page - Inchange Semiconductor Company Limited ISG2111 Datasheet HTML 4Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ISG2111
eq IKA06N60T
Field-Stop IGBT
www.iscsemi.com
1
DESCRIPTION
· Low Saturation Voltage:VCE(sat)= 2.1V@IC=6A
· High Current Capability
· High Input Impedance
APPLICATIONS
· Solar Converters
· Uninterrupted Power Supply
· UPS,PFC
· Welding Converters
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
VALUE
UNIT
VCES
Collector-Emitter Voltage
600
V
VGES
Gate-Emitter Voltage
±
20
V
IC
Collector Current-Continuous
@ TC=25℃
10
A
Collector Current-Continuous
@ TC=100℃
6
A
ICM
Pulsed Collector Current
18
A
IF
Diode Forward Current @ TC=25℃
10
A
Diode Forward Current @ TC=100℃
6
A
IFM
Pulsed forward current
18
A
PD
Power Dissipation @TC=25℃
28
W
Tj
Operating Junction Temperature
-40~175
℃
Tstg
Storage Temperature Range
-55~150
℃


Similar Part No. - ISG2111

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISG2112 ISC-ISG2112 Datasheet
363Kb / 3P
Trench gate Field-Stop IGBT
ISG2113 ISC-ISG2113 Datasheet
387Kb / 2P
IGBT
ISG2114 ISC-ISG2114 Datasheet
314Kb / 3P
IGBT
ISG2118 ISC-ISG2118 Datasheet
614Kb / 4P
Trench Field-Stop IGBT
More results

Similar Description - ISG2111

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT200GN60B2G MICROSEMI-APT200GN60B2G Datasheet
168Kb / 6P
Field Stop IGBT
logo
ON Semiconductor
NGTG15N120FL2WG ONSEMI-NGTG15N120FL2WG Datasheet
230Kb / 10P
IGBT - Field Stop II
May, 2014 ??Rev. 0
NGTB50N65FL2WG ONSEMI-NGTB50N65FL2WG_16 Datasheet
217Kb / 11P
IGBT - Field Stop II
September, 2016 ??Rev. 5
NGTB60N65FL2WG ONSEMI-NGTB60N65FL2WG Datasheet
109Kb / 8P
IGBT - Field Stop II
October, 2016 ??Rev. 1
NGTB30N120FL2WG ONSEMI-NGTB30N120FL2WG Datasheet
112Kb / 8P
IGBT - Field Stop II
July, 2015 ??Rev. 1
FGB40T65SP_F085 ONSEMI-FGB40T65SP_F085 Datasheet
946Kb / 11P
Field Stop Trench IGBT
November 2016 - Rev. 1.0
FGH40T65UQDF ONSEMI-FGH40T65UQDF Datasheet
1Mb / 11P
Field Stop Trench IGBT
December 2016 Rev. 1.0
logo
MagnaChip Semiconductor...
MBF15T65PEH MGCHIP-MBF15T65PEH Datasheet
649Kb / 8P
650V Field Stop IGBT
logo
ON Semiconductor
FGH75T65SHDTLN4 ONSEMI-FGH75T65SHDTLN4 Datasheet
465Kb / 9P
IGBT - Field Stop, Trench IGBT - Field Stop, Trench
November, 2019 ??Rev. P2
logo
Inchange Semiconductor ...
FGH60N60UFD ISC-FGH60N60UFD Datasheet
369Kb / 3P
Field Stop IGBT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com