Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SFH5711-2/3 Datasheet(PDF) 7 Page - OSRAM GmbH

Part # SFH5711-2/3
Description  High Accuracy Ambient Light Sensor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH5711-2/3 Datasheet(HTML) 7 Page - OSRAM GmbH

  SFH5711-2/3 Datasheet HTML 1Page - OSRAM GmbH SFH5711-2/3 Datasheet HTML 2Page - OSRAM GmbH SFH5711-2/3 Datasheet HTML 3Page - OSRAM GmbH SFH5711-2/3 Datasheet HTML 4Page - OSRAM GmbH SFH5711-2/3 Datasheet HTML 5Page - OSRAM GmbH SFH5711-2/3 Datasheet HTML 6Page - OSRAM GmbH SFH5711-2/3 Datasheet HTML 7Page - OSRAM GmbH SFH5711-2/3 Datasheet HTML 8Page - OSRAM GmbH SFH5711-2/3 Datasheet HTML 9Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
2007-04-03
7
SFH 5711
Maßzeichnung
Package Outlines
Maße in mm (inch) / Dimensions in mm (inch)
Anschlußbelegung
Pin configuration
Pin #
Description
1
GND
2
GND
3
V
CC
4
I
OUT
bottomview
sideview
topview
GEOY7012
0.8 (0.031)
0.6 (0.024)
1.25 (0.049)
0.95 (0.037)
0.3 (0.012)
0.5 (0.020)
1.27 (0.050)
(2 (0.079))
0.95 (0.037)
1.25 (0.049)
2.35 (0.093)
2.05 (0.081)
Pin 3
Pin 4
Pin 1
Photo sensitive area
Pin 2
(0.7 (0.028))
Green orientation indicator
Anti-Solder
Pin 1
Pick up area
Pick up area: 2 x 1.7mm



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com