Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SFH5711-2/3 Datasheet(PDF) 6 Page - OSRAM GmbH

Part # SFH5711-2/3
Description  High Accuracy Ambient Light Sensor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH5711-2/3 Datasheet(HTML) 6 Page - OSRAM GmbH

  SFH5711-2/3 Datasheet HTML 1Page - OSRAM GmbH SFH5711-2/3 Datasheet HTML 2Page - OSRAM GmbH SFH5711-2/3 Datasheet HTML 3Page - OSRAM GmbH SFH5711-2/3 Datasheet HTML 4Page - OSRAM GmbH SFH5711-2/3 Datasheet HTML 5Page - OSRAM GmbH SFH5711-2/3 Datasheet HTML 6Page - OSRAM GmbH SFH5711-2/3 Datasheet HTML 7Page - OSRAM GmbH SFH5711-2/3 Datasheet HTML 8Page - OSRAM GmbH SFH5711-2/3 Datasheet HTML 9Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
SFH 5711
2007-04-03
6
Relative Spectral Sensitivity of
photodiode
S
rel = f (λ)
Output Current
I
OUT = f (EV)
0
10
20
30
40
50
60
70
80
90
100
400
500
600
700
800
⎠λ
Srel (%)
nm
0
5
10
15
20
25
30
35
40
45
50
1
10
100
1000
10000 100000
Iout
µA
lx
Ev
Directional Characteristics of
photodiode
S
rel = f (φ)
Current Consumption
I
CC = f (VCC)
0
10
20
30
40
50
60
70
80
90
100
-90°
-60°
-30°
0°
30°
60°
90°
Phie
Srel (%)
OHF03998
µA
V
ICC
VCC
2
3
4
5
6
400
410
420
430
440
450
460
470
480
500



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com