Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

27C128-12/P Datasheet(PDF) 8 Page - Microchip Technology

Part # 27C128-12/P
Description  128K (16K x 8) CMOS EPROM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

27C128-12/P Datasheet(HTML) 8 Page - Microchip Technology

Back Button 27C128-12/P Datasheet HTML 2Page - Microchip Technology 27C128-12/P Datasheet HTML 3Page - Microchip Technology 27C128-12/P Datasheet HTML 4Page - Microchip Technology 27C128-12/P Datasheet HTML 5Page - Microchip Technology 27C128-12/P Datasheet HTML 6Page - Microchip Technology 27C128-12/P Datasheet HTML 7Page - Microchip Technology 27C128-12/P Datasheet HTML 8Page - Microchip Technology 27C128-12/P Datasheet HTML 9Page - Microchip Technology 27C128-12/P Datasheet HTML 10Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
27C128
27C128 Product Identification System
To order or to obtain information, e.g., on pricing or delivery, please use the listed part numbers, and refer to the factory or the listed
sales offices.
Package:
L =
Plastic Leaded Chip Carrier (PLCC)
P =
Plastic DIP (600 Mil)
SO =
Plastic SOIC (300 Mil)
Temperature
Blank =
0°C to +70°C
Range:
I =
-40°C to +85°C
E =
-40°C to +125°C
Access
Time:
12 =
120 ns
15 =
150 ns
17 =
170 ns
20 =
200 ns
25 =
250 ns
Device:
27C128
128K (16K x 8) CMOS EPROM
27C128
–25
I
/P
DS11003L-page 8
 2004 Microchip Technology Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com