Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

27C128-12/P Datasheet(PDF) 1 Page - Microchip Technology

Part # 27C128-12/P
Description  128K (16K x 8) CMOS EPROM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

27C128-12/P Datasheet(HTML) 1 Page - Microchip Technology

  27C128-12/P Datasheet HTML 1Page - Microchip Technology 27C128-12/P Datasheet HTML 2Page - Microchip Technology 27C128-12/P Datasheet HTML 3Page - Microchip Technology 27C128-12/P Datasheet HTML 4Page - Microchip Technology 27C128-12/P Datasheet HTML 5Page - Microchip Technology 27C128-12/P Datasheet HTML 6Page - Microchip Technology 27C128-12/P Datasheet HTML 7Page - Microchip Technology 27C128-12/P Datasheet HTML 8Page - Microchip Technology 27C128-12/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
 2004 Microchip Technology Inc.
DS11003L-page 1
27C128
FEATURES
• High speed performance
- 120 ns access time available
• CMOS Technology for low power consumption
- 20 mA Active current
- 100
µA Standby current
• Factory programming available
• Auto-insertion-compatible plastic packages
• Auto ID aids automated programming
• Separate chip enable and output enable controls
• High speed “express” programming algorithm
• Organized 16K x 8: JEDEC standard pinouts
- 28-pin Dual-in-line package
- 32-pin PLCC Package
- 28-pin SOIC package
- Tape and reel
• Available for the following temperature ranges:
- Commercial:
0°C to +70°C
- Industrial:
-40°C to +85°C
- Automotive:
-40°C to +125°C
DESCRIPTION
The Microchip Technology Inc. 27C128 is a CMOS
128K bit (electrically) Programmable Read Only Mem-
ory. The device is organized as 16K words by 8 bits
(16K bytes). Accessing individual bytes from an
address transition or from power-up (chip enable pin
going low) is accomplished in less than 120 ns. CMOS
design and processing enables this part to be used in
systems where reduced power consumption and high
reliability are requirements.A complete family of pack-
ages is offered to provide the most flexibility in applica-
tions. For surface mount applications, PLCC, SOIC, or
TSOP packaging is available. Tape and reel packaging
is also available for PLCC or SOIC packages. UV eras-
able versions are also available.
A complete family of packages is offered to provide the
most flexibility in applications. For surface mount appli-
cations, PLCC or SOIC packaging is available. Tape
and reel packaging is also available for PLCC or SOIC
packages.
PACKAGE TYPES
A6
A5
A4
A3
A2
A1
A0
NC
O0
A8
A9
A11
NC
OE
A10
CE
O7
O6
5
6
7
8
9
10
11
12
13
29
28
27
26
25
24
23
22
21
• 1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
V
A12
A7
A6
A5
A4
A3
A2
A1
A0
O0
O1
O2
V
V
PGM
A13
A8
A9
A11
OE
A10
CE
O7
O6
O5
O4
O3
PP
SS
CC
DIP/SOIC
PLCC
128K (16K x 8) CMOS EPROM
Obsolete Device


Similar Part No. - 27C128-12/P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
27C128 MICROCHIP-27C128 Datasheet
62Kb / 12P
128K (16K x 8) CMOS EPROM
1996
logo
Intel Corporation
27C128 INTEL-27C128 Datasheet
1Mb / 10P
64K(8K x 8) UV ERASABLE PROMs
More results

Similar Description - 27C128-12/P

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE21128 NTE-NTE21128 Datasheet
37Kb / 6P
Integrated Circuit NMOS, 128K (16K x 8) UV EPROM
logo
STMicroelectronics
M27128A STMICROELECTRONICS-M27128A Datasheet
107Kb / 10P
NMOS 128K 16K x 8 UV EPROM
Mar-1995
WS27C010L STMICROELECTRONICS-WS27C010L Datasheet
48Kb / 5P
Military 128K x 8 CMOS EPROM
WS57C128FB STMICROELECTRONICS-WS57C128FB Datasheet
48Kb / 5P
HIGH SPEED 16K x 8 CMOS EPROM
logo
Macronix International
MX27C1000 MCNIX-MX27C1000 Datasheet
997Kb / 18P
1M-BIT [128K x 8] CMOS EPROM
MX27C1000A MCNIX-MX27C1000A Datasheet
960Kb / 15P
1M-BIT [128K x 8] CMOS EPROM
logo
Microchip Technology
27C128 MICROCHIP-27C128 Datasheet
62Kb / 12P
128K (16K x 8) CMOS EPROM
1996
logo
Holtek Semiconductor In...
HT27C010 HOLTEK-HT27C010 Datasheet
171Kb / 15P
CMOS 128K X 8-Bit OTP EPROM
November 21, 2002
logo
Cypress Semiconductor
27H010 CYPRESS-27H010 Datasheet
212Kb / 9P
128K x 8 High-Speed CMOS EPROM
CY27C128 CYPRESS-CY27C128 Datasheet
521Kb / 9P
128K (16K x 8-Bit) CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com