Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

24C32A-E/P Datasheet(PDF) 5 Page - Microchip Technology

Part # 24C32A-E/P
Description  32K 5.0V I2CSerial EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24C32A-E/P Datasheet(HTML) 5 Page - Microchip Technology

  24C32A-E/P Datasheet HTML 1Page - Microchip Technology 24C32A-E/P Datasheet HTML 2Page - Microchip Technology 24C32A-E/P Datasheet HTML 3Page - Microchip Technology 24C32A-E/P Datasheet HTML 4Page - Microchip Technology 24C32A-E/P Datasheet HTML 5Page - Microchip Technology 24C32A-E/P Datasheet HTML 6Page - Microchip Technology 24C32A-E/P Datasheet HTML 7Page - Microchip Technology 24C32A-E/P Datasheet HTML 8Page - Microchip Technology 24C32A-E/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
 2004 Microchip Technology Inc.
DS21163E-page 5
24C32A
3.6
Device Addressing
A control byte is the first byte received following the
start condition from the master device. The control byte
consists of a 4-bit control code; for the 24C32A this is
set as 1010 binary for read and write (R/W) operations.
The next three bits of the control byte are the device
select bits (A2, A1, A0). They are used by the master
device to select which of the eight devices are to be
accessed. These bits are in effect the three most signif-
icant bits of the word address. The last bit of the control
byte defines the operation to be performed. When set
to a one a read operation is selected, and when set to
a zero a write operation is selected. The next two bytes
received define the address of the first data byte
(Figure 3-3). Because only A11...A0 are used, the
upper four address bits must be zeros. The most signif-
icant bit of the most significant byte of the address is
transferred first.
FIGURE 3-2:
CONTROL BYTE
ALLOCATION
R/W
A
1
0
1
0
A2
A1
A0
READ/WRITE
START
SLAVE ADDRESS
Following the start condition, the 24C32A monitors the
SDA bus checking the device type identifier being
transmitted. Upon receiving a 1010 code and appropri-
ate device select bits, the slave device outputs an
acknowledge signal on the SDA line. Depending on the
state of the R/W bit, the 24C32A will select a read or
write operation.
Operation
Control
Code
Device Select
R/W
Read
1010
Device Address
1
Write
1010
Device Address
0
FIGURE 3-3:
ADDRESS SEQUENCE BIT ASSIGNMENTS
1
010
A
2
A
1
A
0 R/W
0
000
A
11
A
10
A
9
A
7
A
0
A
8
••
•
•
•
•
SLAVE
ADDRESS
DEVICE
SELECT
BUS
CONTROL BYTE
ADDRESS BYTE 1
ADDRESS BYTE 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com