Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

24C32A-E/P Datasheet(PDF) 9 Page - Microchip Technology

Part # 24C32A-E/P
Description  32K 5.0V I2CSerial EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24C32A-E/P Datasheet(HTML) 9 Page - Microchip Technology

Back Button 24C32A-E/P Datasheet HTML 4Page - Microchip Technology 24C32A-E/P Datasheet HTML 5Page - Microchip Technology 24C32A-E/P Datasheet HTML 6Page - Microchip Technology 24C32A-E/P Datasheet HTML 7Page - Microchip Technology 24C32A-E/P Datasheet HTML 8Page - Microchip Technology 24C32A-E/P Datasheet HTML 9Page - Microchip Technology 24C32A-E/P Datasheet HTML 10Page - Microchip Technology 24C32A-E/P Datasheet HTML 11Page - Microchip Technology 24C32A-E/P Datasheet HTML 12Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
 2004 Microchip Technology Inc.
DS21163E-page 9
24C32A
7.0
PIN DESCRIPTIONS
7.1
A0, A1, A2 Chip Address Inputs
The A0..A2 inputs are used by the 24C32A for multiple
device operation and conform to the 2-wire bus stan-
dard. The levels applied to these pins define the
address block occupied by the device in the address
map. A particular device is selected by transmitting the
corresponding bits (A2, A1, A0) in the control byte
(Figure 3-3).
7.2
SDA Serial Address/Data Input/Output
This is a Bi-directional pin used to transfer addresses
and data into and data out of the device. It is an open
drain terminal, therefore the SDA bus requires a pullup
resistor to VCC (typical 10K
Ω for 100 kHz, 2 KΩ for
400 kHz)
For normal data transfer SDA is allowed to change only
during SCL low. Changes during SCL HIGH are
reserved for indicating the START and STOP condi-
tions.
7.3
SCL Serial Clock
This input is used to synchronize the data transfer from
and to the device.
7.4
WP
This pin must be connected to either VSS or VCC.
If tied to VSS, normal memory operation is enabled
(read/write the entire memory 000-FFF).
If tied to VCC, WRITE operations are inhibited. The
entire memory will be write-protected. Read operations
are not affected.
8.0
NOISE PROTECTION
The SCL and SDA inputs have filter circuits which sup-
press noise spikes to ensure proper device operation
even on a noisy bus. All I/O lines incorporate Schmitt
triggers for 400 kHz (Fast Mode) compatibility.
9.0
POWER MANAGEMENT
This design incorporates a power standby mode when
the device is not in use and automatically powers off
after the normal termination of any operation when a
stop bit is received and all internal functions are com-
plete. This includes any error conditions, i.e., not
receiving an acknowledge or stop condition per the
two-wire bus specification. The device also incorpo-
rates VDD monitor circuitry to prevent inadvertent writes
(data corruption) during low-voltage conditions. The
VDD monitor circuitry is powered off when the device is
in standby mode in order to further reduce power con-
sumption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com