Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPSB100 Datasheet(PDF) 50 Page - STMicroelectronics

Part # SPSB100
Description  Automotive power management IC for highly integrated processors
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button SPSB100 Datasheet HTML 46Page - STMicroelectronics SPSB100 Datasheet HTML 47Page - STMicroelectronics SPSB100 Datasheet HTML 48Page - STMicroelectronics SPSB100 Datasheet HTML 49Page - STMicroelectronics SPSB100 Datasheet HTML 50Page - STMicroelectronics SPSB100 Datasheet HTML 51Page - STMicroelectronics SPSB100 Datasheet HTML 52Page - STMicroelectronics SPSB100 Datasheet HTML 53Page - STMicroelectronics SPSB100 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 214 page
background image
The monitor issues a fault (whose threshold is set by BOOST_DSMON_TH[2..0] bits) if the monitored voltage is
above the programmed threshold for 5 consecutive periods of the BOOST PWM signal.
When a fault is detected (the flag is BOOST_VDSMON_ERROR), an interruption is sent on the IRQ pin (except if
it is masked by MASK_BOOST_VDSMON_IRQ) and the BOOST external transistor is permanently turned OFF.
MCU shall read and clear the status flag to turn back ON the BOOST driver.
The BYPASS driver includes a comparator to monitor the voltage across the bypass external transistor this
comparator is enabled as soon BYPASS is switched ON with a digital blanking time, tB_BYPASS_VDSM. The voltage
is monitored between VS and FBB pins.
The monitor issues a fault if the monitored voltage is above the programmed threshold
(BYPASS_DSMON_TH[2..0] bits) for a delay higher than tF_BYPASS_VDSM time.
When a fault is detected (flag is BYPASS_VDSMON_ERROR), an interruption is sent on the IRQ pin (except if it
is masked by MASK_BYPASS_VDSMON_IRQ), the BYPASS external transistor is switched off.
Latent fault detection of comparators is insured by Analog-BIST.
Figure 28. Boost and bypass Vds monitoring (extracted by application scheme)
4.4
Boost activity monitoring
In ACTIVE – FULL-POWER and in RECOVERY-1 states, the BOOST activity can be monitored through the live
SPI status bit BOOST_ENA_STATUS.
In ACTIVE – LOW-POWER state a flag is set BOOST_IN_LP and an interrupt is generated through IRQ pin
(except if it is masked by MASK_BOOST_IN_LP_IRQ) when the BOOST starts to switch.
In other states the BOOST is disabled.
4.5
WU and IGN monitoring
WU and IGN voltages can be measured through the ADC and values read back via SPI (WU[9..0] and IGN[9..0]).
4.6
Ground pin monitoring
Analog comparators are cross-monitoring the voltage on the three ground pads GND, Analog-GND and Digital-
GND (both bonded on SGND pin).
If at least one ground pad is electrically disconnected from the PCB ground plane with a level above VGnd_Loss_th
then a Ground loss is detected (GNDLOSS) after tGnd_Loss_FILT and the reaction is described in the
Section 4.8: HW low-level monitors.
Latent fault detection of ground comparators is insured by Analog-BIST.
4.7
Temperature monitoring
To provide an advanced on-chip temperature control, the power outputs are grouped in clusters with dedicated
thermal sensors. The sensors are suitably located on the device.
SPSB100
Protection, diagnosis and monitoring signals
DS14640 - Rev 1
page 50/214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com