Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPSB100 Datasheet(PDF) 67 Page - STMicroelectronics

Part # SPSB100
Description  Automotive power management IC for highly integrated processors
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100 Datasheet(HTML) 67 Page - STMicroelectronics

Back Button SPSB100 Datasheet HTML 63Page - STMicroelectronics SPSB100 Datasheet HTML 64Page - STMicroelectronics SPSB100 Datasheet HTML 65Page - STMicroelectronics SPSB100 Datasheet HTML 66Page - STMicroelectronics SPSB100 Datasheet HTML 67Page - STMicroelectronics SPSB100 Datasheet HTML 68Page - STMicroelectronics SPSB100 Datasheet HTML 69Page - STMicroelectronics SPSB100 Datasheet HTML 70Page - STMicroelectronics SPSB100 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 214 page
background image
Table 20. Safety requirement list while MCU is in Smart-Power mode
ID
Description
Safe state
SR1
While MCU is in Smart-Power mode the PMIC
shall monitor the supply output voltages for the
MCU and force a reset of the MCU in case of a
voltage error.
Output regulators are stopped, NRESET and NFSO pins are
asserted. SPSB100 tries to power-up again, if the fault is confirmed
for 3 successive power-up then output regulators are stopped,
NRESET and NFSO pins are asserted and SPSB100 reaches
DEEP-SLEEP state.
SR2
The PMIC shall monitor the local temperature of
each supply regulator and force a shut-down of
the supply regulator in case of temperature
runaway.
Output regulators are stopped, NRESET and NFSO pins are
asserted. SPSB100 waits that the regulator temperature decreases
then tries to power-up again, if the fault is confirmed for 3
successive power-up then output regulators are stopped, NRESET
and NFSO pins are asserted and SPSB100 reaches DEEP-SLEEP
state.
SR3
The PMIC shall monitor the power dissipation of
BOOST external transistors and avoid their
destruction in case of runaway.
BOOST is stopped, error is signaled to MCU, SPSB100 state is
unchanged.
Note:
More details about functional safety can be found in the device safety manual, provided only upon customers
request.
6.1.3
MCU in Stand-by mode
The following figure shows MCU in Stand-by mode.
Figure 40. PMIC + MCU in Stand-By mode
SPSB100
Functional safety concept
DS14640 - Rev 1
page 67/214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com