Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STGHU30M65DF2AG Datasheet(PDF) 8 Page - STMicroelectronics

Part # STGHU30M65DF2AG
Description  Automotive-grade trench gate field-stop 650 V, 30 A low-loss M series IGBT in an HU3PAK package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGHU30M65DF2AG Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STGHU30M65DF2AG Datasheet HTML 4Page - STMicroelectronics STGHU30M65DF2AG Datasheet HTML 5Page - STMicroelectronics STGHU30M65DF2AG Datasheet HTML 6Page - STMicroelectronics STGHU30M65DF2AG Datasheet HTML 7Page - STMicroelectronics STGHU30M65DF2AG Datasheet HTML 8Page - STMicroelectronics STGHU30M65DF2AG Datasheet HTML 9Page - STMicroelectronics STGHU30M65DF2AG Datasheet HTML 10Page - STMicroelectronics STGHU30M65DF2AG Datasheet HTML 11Page - STMicroelectronics STGHU30M65DF2AG Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Figure 19. Typical reverse recovery current vs diode
current slope
GPDP100620241123RRC
24
20
16
12
8
4
0
0
200
400
600
800
1000
Irrm
(A) V
CC = 400 V,
TJ = 175
VGE = 15 V,
IF = 30 A,
°C
di/dt(A/µs)
Figure 20. Typical reverse recovery time vs diode current
slope
GPDP100620241125RRT
700
600
500
400
300
200
100
0
200
400
600
800
1000
trr
(ns)
di/dt (A/µs)
VCC = 400 V,
TJ = 175
VGE = 15 V,
IF = 30 A,
°C
Figure 21. Typical reverse recovery charge vs diode
current slope
GADG100620241321RRQ
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.0
0
200
400
600
800
1000
Qrr
(µC)
di/dt (A/µs)
,
F
3
Figure 22. Typical reverse recovery energy vs diode
current slope
GPDP100620241145RRE
0.8
0.6
0.4
0.2
0.0
0
200
400
600
800
1000
Err
(mJ)
di/dt (A/µs)
VCC = 400 V,
TJ = 175
VGE = 15 V,
IF = 30 A,
°C
Figure 23. IGBT maximum transient thermal impedance
GADG060620241622_IGBT
10 -1
10 -2
10 -3
10 -6
10 -5
10 -4
10 -3
10 -2
tp (s)
ZthJC
(°C/W)
ton
T
duty = ton / T
RthJC = 0.34 °C/W
Single pulse
0.05
duty=0.5
3
2
4
Figure 24. Diode maximum transient thermal impedance
GPDP060620241625_Diode
10 -1
10 -2
10 -6
10 -5
10 -4
10 -3
10 -2
tp (s)
duty=0.5
Single pulse
0.05
3
2
4
ZthJC
(°C/W)
ton
T
duty = ton / T
RthJC = 0.82 °C/W
STGHU30M65DF2AG
Electrical characteristics
DS14705 - Rev 1
page 8/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com