Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DFE201210U-2R2M Datasheet(PDF) 21 Page - Torex Semiconductor

Part # DFE201210U-2R2M
Description  HiSAT-COT ® Control Extremely Small 600mA Step-Down DC/DC Converters
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

DFE201210U-2R2M Datasheet(HTML) 21 Page - Torex Semiconductor

Back Button DFE201210U-2R2M Datasheet HTML 17Page - Torex Semiconductor DFE201210U-2R2M Datasheet HTML 18Page - Torex Semiconductor DFE201210U-2R2M Datasheet HTML 19Page - Torex Semiconductor DFE201210U-2R2M Datasheet HTML 20Page - Torex Semiconductor DFE201210U-2R2M Datasheet HTML 21Page - Torex Semiconductor DFE201210U-2R2M Datasheet HTML 22Page - Torex Semiconductor DFE201210U-2R2M Datasheet HTML 23Page - Torex Semiconductor DFE201210U-2R2M Datasheet HTML 24Page - Torex Semiconductor DFE201210U-2R2M Datasheet HTML 25Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
21/36
XC9290/XC9291
Series
■
TYPICAL PERFORMANCE CHARACTERISTICS
(1) Efficiency vs. Output Current
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
Output Current: IOUT (mA)
VOUT(T)=0.8V, fOSC=6MHz
L = 0.47μH(DFE18SANR47MG0L)
CIN = 4.7μF(GRM035R60J475ME15)
CL = 4.7μF(GRM035R60J475ME15)
XC9290 VIN=3.7V
XC9290 VIN=5.0V
XC9291 VIN=3.7V
XC9291 VIN=5.0V
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
Output Current: IOUT (mA)
VOUT(T)=1.0V, fOSC=6MHz
XC9290 VIN=3.7V
XC9290 VIN=5.0V
XC9291 VIN=3.7V
XC9291 VIN=5.0V
L = 0.47μH(DFE18SANR47MG0L)
CIN = 4.7μF(GRM035R60J475ME15)
CL = 4.7μF(GRM035R60J475ME15)
VIN=3.7V
VIN=5.0V
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
Output Current: IOUT (mA)
VOUT(T)=1.0V, fOSC=4MHz
XC9290 VIN=3.7V
XC9290 VIN=5.0V
XC9291 VIN=3.7V
XC9291 VIN=5.0V
L = 1.0μH(DFE18SAN1R0MG0L)
CIN = 4.7μF(GRM035R60J475ME15)
CL = 4.7μF(GRM035R60J475ME15)
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
Output Current: IOUT (mA)
VOUT(T)=0.8V, fOSC=4MHz
L = 1.0μH(DFE18SAN1R0MG0L)
CIN = 4.7μF(GRM035R60J475ME15)
CL = 4.7μF(GRM035R60J475ME15)
XC9290 VIN=3.7V
XC9290 VIN=5.0V
XC9291 VIN=3.7V
XC9291 VIN=5.0V
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
Output Current: IOUT (mA)
VOUT(T)=1.8V, fOSC=6MHz
L = 0.47μH(DFE18SANR47MG0L)
CIN = 4.7μF(GRM035R60J475ME15)
CL = 4.7μF(GRM035R60J475ME15)
XC9290 VIN=3.7V
XC9290 VIN=5.0V
XC9291 VIN=3.7V
XC9291 VIN=5.0V
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
Output Current: IOUT (mA)
VOUT(T)=1.8V, fOSC=4MHz
L = 1.0μH(DFE18SAN1R0MG0L)
CIN = 4.7μF(GRM035R60J475ME15)
CL = 4.7μF(GRM035R60J475ME15)
XC9290 VIN=3.7V
XC9290 VIN=5.0V
XC9291 VIN=3.7V
XC9291 VIN=5.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com