Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DFE201210U-2R2M Datasheet(PDF) 4 Page - Torex Semiconductor

Part # DFE201210U-2R2M
Description  HiSAT-COT ® Control Extremely Small 600mA Step-Down DC/DC Converters
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

DFE201210U-2R2M Datasheet(HTML) 4 Page - Torex Semiconductor

  DFE201210U-2R2M Datasheet HTML 1Page - Torex Semiconductor DFE201210U-2R2M Datasheet HTML 2Page - Torex Semiconductor DFE201210U-2R2M Datasheet HTML 3Page - Torex Semiconductor DFE201210U-2R2M Datasheet HTML 4Page - Torex Semiconductor DFE201210U-2R2M Datasheet HTML 5Page - Torex Semiconductor DFE201210U-2R2M Datasheet HTML 6Page - Torex Semiconductor DFE201210U-2R2M Datasheet HTML 7Page - Torex Semiconductor DFE201210U-2R2M Datasheet HTML 8Page - Torex Semiconductor DFE201210U-2R2M Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
4/36
XC9290/XC9291 Series
■
PIN CONFIGURATION
6
4
5
1
2
3
WLP-5-08
(BOTTOM VIEW)
2
3
1
4
5
LGA-6B01
(BOTTOM VIEW)
VIN
LX
VOUT
NC
EN
EN
VOUT
VIN
LX
GND
GND
■
PIN ASSIGNMENT
PIN NUMBER
PIN NAME
FUNCTIONS
LGA-6B01
WLP-5-08
1
4
VOUT
Output Voltage Monitor
2
-
NC
No Connection
3
1
EN
Enable
4
2
VIN
Power Input
5
5
Lx
Switching
6
3
GND
Ground
■
FUNCTION
PIN NAME
SIGNAL
STATUS
EN
L
Stand-by
H
Active
OPEN
Undefined State (*1)
(*1)
Please do not leave the EN pin open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com