Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC913B Datasheet(PDF) 3 Page - Microchip Technology

Part # TC913B
Description  Dual Auto-Zeroed Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC913B Datasheet(HTML) 3 Page - Microchip Technology

  TC913B Datasheet HTML 1Page - Microchip Technology TC913B Datasheet HTML 2Page - Microchip Technology TC913B Datasheet HTML 3Page - Microchip Technology TC913B Datasheet HTML 4Page - Microchip Technology TC913B Datasheet HTML 5Page - Microchip Technology TC913B Datasheet HTML 6Page - Microchip Technology TC913B Datasheet HTML 7Page - Microchip Technology TC913B Datasheet HTML 8Page - Microchip Technology TC913B Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
© 2006 Microchip Technology Inc.
DS21482C-page 3
TC913A/TC913B
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings*
Total Supply Voltage (VDD to VSS) .......................+18V
Input Voltage ...................... (VDD +0.3V) to (VSS
-0.3V)
Current Into Any Pin........................................... 10 mA
While Operating ......................................... 100
μA
Package Power Dissipation (TA – 70°C)
Plastic DIP ............................................... 730 mW
Plastic SOIC ............................................ 470 mW
Operating Temperature Range
C Device .......................................... 0°C to +70°C
Storage Temperature Range .............. -65°C to +150°C
*Stresses
above
those
listed
under
“Absolute
Maximum Ratings” may cause permanent damage to
the device. These are stress ratings only and functional
operation of the device at these or any other conditions
above those indicated in the operation sections of the
specifications is not implied. Exposure to Absolute
Maximum Rating conditions for extended periods may
affect device reliability.
TC913A AND TC913B ELECTRICAL SPECIFICATIONS
Electrical Characteristics: VS = ±5V, TA = +25°C, unless otherwise indicated.
TC913A
TC913B
Symbol
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions
VOS
Input Offset
Voltage
—
5
15
—
15
30
μVTA = +25°C
TCVOS Average Temp.
Coefficient of
Input Offset
Voltage
—
—
0.05
0.05
0.15
0.15
—
—
0.1
0.1
0.25
0.25
μV/°C
μV/°C
0°C
≤ TA ≤ +70°C
-25°C
≤ TA ≤ +85°C
(Note 1)
IB
Average Input
Bias Current
—
—
—
—
—
—
90
3
4
—
—
—
—
—
—
120
4
6
pA
nA
nA
TA = +25°C
0°C
≤ TA ≤ +70°C
-25°C
≤ TA ≤ +85°
IOS
Average Input
Offset Current
—
—
5
—
20
1
—
—
10
—
40
1
pA
nA
TA = +25°C
TA = +85°C
eN
Input Voltage
Noise
—
—
0.6
11
—
—
—
—
0.6
11
—
—
μVP-P
μVP-P
0.1 to 1 Hz, RS ≤ 100Ω
0.1 to 10 Hz, RS ≤ 100Ω
CMRR
Common Mode
Rejection Ratio
110
116
—
100
110
—
dB
VSS ≤ VCM ≤ VDD - 2.2
CMVR
Common Mode
Voltage Range
VSS
—
VDD - 2VSS
—
VDD - 2V
AOL
Open-Loop
Voltage Gain
115
120
—
110
120
—
dB
RL = 10 kΩ, VOUT = ±4V
VOUT
Output Voltage
Swing
VSS + 0.3
—
VDD - 0.9 VSS + 0.3
—
VDD -0.9
V
RL = 10 kΩ
BW
Closed Loop
Bandwidth
—
1.5
—
—
1.5
—
MHz
Closed Loop Gain = +1
SR
Slew Rate
—
2.5
—
—
2.5
—
V/
μsec RL = 10 kΩ, CL = 50 pF
PSRR
Power Supply
Rejection Ratio
110
—
—
100
—
—
dB
±3.3V to ±5.5V
VS
Operating
Supply Voltage
Range
±3.5
7.0
—
—
±8.3
16
±3.5
7.0
—
—
±8.3
16
V
V
Split Supply
Single Supply
IS
Quiescent
Supply Current
—
0.65
0.85
—
—
1.1
mA
VS = ±5V
Note
1:
Characterized; not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com