Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC913B Datasheet(PDF) 6 Page - Microchip Technology

Part # TC913B
Description  Dual Auto-Zeroed Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC913B Datasheet(HTML) 6 Page - Microchip Technology

Back Button TC913B Datasheet HTML 2Page - Microchip Technology TC913B Datasheet HTML 3Page - Microchip Technology TC913B Datasheet HTML 4Page - Microchip Technology TC913B Datasheet HTML 5Page - Microchip Technology TC913B Datasheet HTML 6Page - Microchip Technology TC913B Datasheet HTML 7Page - Microchip Technology TC913B Datasheet HTML 8Page - Microchip Technology TC913B Datasheet HTML 9Page - Microchip Technology TC913B Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
TC913A/TC913B
DS21482C-page 6
© 2006 Microchip Technology Inc.
4.0
TYPICAL CHARACTERISTICS
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
HORIZONTAL SCALE = 20 msec/DIV
Positive Overload Recovery Time
0V
OUTPUT =
2 V/DIV
INPUT
INPUT
GAIN = –20
35
-6
INPUT COMMON MODE VOLTAGE (V)
Input Offset Voltage vs.
Common Mode Voltage
30
25
20
15
10
5
0
-5 -4 -3 -2 -1
0
1
2
3
4
VA = ±5V
TA = +25°C
± SUPPLY VOLTAGE (V)
Supply Current vs. ± Supply Voltage
HORIZONTAL SCALE = 20 msec/DIV
Negative Overload Recovery Time
RL = 10 k
TA = +25°C
W
INPUT
0V
OUTPUT
= 2 V/DIV
50
10k
FREQUENCY (Hz)
Gain and Phase vs. Frequency
40
30
20
10
0
-10
-20
-30
-40
100k
1M
10M
PHASE
GAIN
VS = ±5V
TA = +25°C
RL = 10 kW
225
180
135
90
45
0
-45
-90
-135
-180
100
LOAD RESISTANCE (W)
Output Voltage Swing vs.
Load Resistance
5.0
VS = ±5V
TA = +25°C
-SWING
+SWING
4.2
3.4
2.6
1.8
1.0
1k
10k
100k
1M
1200
1000
800
600
400
200
0
23
5
46
7
8
TA = +25°C
Gain = –20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com